Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9660TR
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9660TR Datasheet HTML 9Page - STMicroelectronics L9660TR Datasheet HTML 10Page - STMicroelectronics L9660TR Datasheet HTML 11Page - STMicroelectronics L9660TR Datasheet HTML 12Page - STMicroelectronics L9660TR Datasheet HTML 13Page - STMicroelectronics L9660TR Datasheet HTML 14Page - STMicroelectronics L9660TR Datasheet HTML 15Page - STMicroelectronics L9660TR Datasheet HTML 16Page - STMicroelectronics L9660TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
DocID024714 Rev 2
13/49
L9660
Electrical specifications
48
tFETtimeout
FET time-out
Normal Conditions
-
-
100
µs
High squib resistance diagnostics
RSQHIZ
High load resistance
threshold
-1.07
-
2.1
k
IHR
High resistance current
threshold
-ISTG
mA
tDIAGTIMEOUT MOS diagnostic delay time
From/CS until test results
are valid, CSQHx = 0.12µF
CSQLx = 0.12µF
--
300
µs
Squib resistance diagnostics
VOH
Output voltage AOUT
High saturation voltage;
IAOUT = -500µA
VDD-
0.2
--
V
VOL
Low Saturation Voltage;
IAOUT = +500µA
--
0.2
V
IZ
Tri-State Current AOUT
AOUT = VDD
-
-
1
µA
AOUT = 0V
-1
-
µA
RSQB RANGE Load resistance range
-
0
-
10.0
VAOUT
Resistance measurement
analog output tolerance
VAOUT =
0
  R
SQB < 3.5
VAOUT-
0.095V
-
VAOUT+
0.095V
V
3.5
  R
SQB  10
VAOUT·
0.95V
-
VAOUT·
1.05V
V
ISRC
Resistance measurement
current source
VDD = 5.0V; VSDIAG = 7.0V
to 37V
38
-
42
mA
ISINK
Resistance measurement
current sink
IPD OFF, VSQLx = 4 V
45
-
57
mA
ISLEW
Rmeas current di/dt
30% - 70% of ISRC
2
-
11
mA/µs
Vcmpr
Voltage threshold on squib
pin to shutdown ISRC
-
2.65
-
3.25
V
tisrcshtdwn
Shutdown time
Guaranteed by design
-
-
30
µs
VLSDrsqb
LSD (V_SQL) voltage during
resistance measure
-
0.8
-
2.2
V
tR_WAIT
Rmeas wait time
Wait time before AOUT
voltage is stable for ADC
reading R AOUT= 5.1k
;
CAOUT=10nF
-
-
300
µs
FENx input pins
tFENfilter
Minimum pulse width
-
12
-
16
µs
IFENPD
Internal pull-down current
VIN = VIL to VDD
20
-
50
µA
Table 7. Squib deployment drivers and diagnostics - DC electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDD
1
9.75
-----------
0.08
R
SQB
---------------


+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com