Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9660TR
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9660TR Datasheet HTML 18Page - STMicroelectronics L9660TR Datasheet HTML 19Page - STMicroelectronics L9660TR Datasheet HTML 20Page - STMicroelectronics L9660TR Datasheet HTML 21Page - STMicroelectronics L9660TR Datasheet HTML 22Page - STMicroelectronics L9660TR Datasheet HTML 23Page - STMicroelectronics L9660TR Datasheet HTML 24Page - STMicroelectronics L9660TR Datasheet HTML 25Page - STMicroelectronics L9660TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Functional description
L9660
22/49
DocID024714 Rev 2
Figure 7. Deployment drivers diagram
The L9660 is protected against inadvertent turn on of the firing drivers unless the
appropriate conditions are present. Non-typical conditions do not cause driver activation.
This includes the case where VRESx and/or VSDIAG pins are connected to a supply up to
40V and VDD is between 0V and VDD min. Under these conditions the L9660 ensures that
driver activation does not occur. No flow of current shall be allowed through the SQHx and
SQLx pins.
Driver activation
The firing of a squib driver requires the appropriate FEN function to be active and two
separate sixteen bit writes be made over the SPI. The FEN function is defined as the result
of the FENx pin OR’d with the internal FENx latch. The FENx pin going high initiates the
FEN function. With the FEN 1 function being active and the appropriate Arm and Fire
commands sent then Squib_0 & 1 drivers would be activated. With the FEN 2 function being
active and the appropriate Arm and Fire commands sent then Squib_2 & 3 drivers would be
activated.
The first write is to ARM the drivers in preparation of receiving the fire command. The ARM
command stops on all channels any diagnostics that are active. Any combination of squibs
can be armed. The second write is a FIRE command that must directly follow the ARM
command and that activates the desired driver pairs assuming the FEN function is valid. If
there is a parity mismatch the data bits are ignored and the squib drivers do not have their
status changed, and the two write sequence must then be started again. If there is a
mismatch in channels selected then only those channels selected in both the Arm and Fire
commands are activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com