Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9660TR
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9660TR Datasheet HTML 28Page - STMicroelectronics L9660TR Datasheet HTML 29Page - STMicroelectronics L9660TR Datasheet HTML 30Page - STMicroelectronics L9660TR Datasheet HTML 31Page - STMicroelectronics L9660TR Datasheet HTML 32Page - STMicroelectronics L9660TR Datasheet HTML 33Page - STMicroelectronics L9660TR Datasheet HTML 34Page - STMicroelectronics L9660TR Datasheet HTML 35Page - STMicroelectronics L9660TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Functional description
L9660
32/49
DocID024714 Rev 2
Bit [D9:D8]
Bits used to set the firing current/time for all channels. The default state
is ‘00’ (1.2A/2ms min.)
Bits [D7:D0]
The soft reset for the L9660, which includes deployment
driver/diagnostics, is achieved by writing 0xAA and 0x55 within two
subsequent 16-bit SPI transmissions. If the sequence is broken, the
processor is required to re-transmit the sequence. The L9660 does
not reset if the sequence is not completed within two subsequent 16- bit
SPI transmissions. When soft reset command is received, the L9660
reset its deployment driver’s internal logic and timers, including all
internal registers. The effects of a soft reset is the same as for a POR
event, except MISO response.
Bit [D1]
For the first response after POR (or equivalent) the PU bit is set to ‘0’.
For all responses following the bit is set to ‘1’.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MOSI Command for configuration Mode 1
0
0
P
R/W
SWR
0
CL Set bits
Software Reset Sequence bits
MISO Response for configuration Mode 1 (Except for Soft Reset/D11=1 and appropriate pattern)
0
0
P
R/W
SWR
0
CL Set bits
0
0
0
0
0
0
1
0
Table 16. Configuration mode 1
Bit
MOSI command
MISO response
State
Description
D15
0
Mode bits
See above
D14
0
See above
D13
Odd Parity – Includes all 16 bits
Odd Parity – Includes all 16 bits
D12
0
Read (default) - When D12=’0’ bits D11
to D0 are ignored
R/W bit
1
Write – Allows Soft reset and
deployment programming
D11
0
Sets Deployment Condition for ALL
channels - When D11=’0’ bits D7 to D0
are ignored
See above
1
Soft Reset Sequence – bits D8 and D9
are ignored
D10
0
See above
D9
Sets Deployment Conditions
00 = 1.2A/2ms (Default)
01 = 1.5A/2ms
10 = 1.75A/0.65ms
11 = 1.75A/1ms
Internal Stored Value CL bits
D8
-
D7 – D2
Software Reset-sequence
See above
D1
see above
D0
See above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com