Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9660TR
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9660TR Datasheet HTML 24Page - STMicroelectronics L9660TR Datasheet HTML 25Page - STMicroelectronics L9660TR Datasheet HTML 26Page - STMicroelectronics L9660TR Datasheet HTML 27Page - STMicroelectronics L9660TR Datasheet HTML 28Page - STMicroelectronics L9660TR Datasheet HTML 29Page - STMicroelectronics L9660TR Datasheet HTML 30Page - STMicroelectronics L9660TR Datasheet HTML 31Page - STMicroelectronics L9660TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Functional description
L9660
28/49
DocID024714 Rev 2
the state of the squib resistance is valid after THSR is captured on the next falling edge of
CS_D. The voltage source for this test is VBIAS which is based on the VDD supply.
A way to reduce the time required until valid results are available is to perform a leakage
diagnostics prior to this test. The leakage diagnostics biases the voltage on the squibs to
around 3.5V, which is the same bias voltage required for the high squib resistance
diagnostic. By running this sequence of diagnostics the test time reduces from 1.5ms to
200µs.
High and low side FET diagnostics
Prior to either the HS or LS FET diagnostics being run it is required to have the VRCM
switched ON. Running the leakage diagnostics with the appropriate delay time prior to either
the HS or LS FET diagnostics can do this. When the FET diagnostic command is issued the
flags is initially cleared. If the VRMC is not active or some leakage is present then the MOS
is not turned ON, the test is aborted and Fault Present (FP) bit set. The FEN function must
be inactive to run test. The test does not start if FEN function is active on channel under test
and it results in the Fault Present (FP) bit to set.
If no leakage is present and FEN function is inactive, the MOS (High side or Low Side) is
turned ON. The L9660 monitors the current sink or sourced by VRCM. If the MOS is working
properly, this current exceeds ISTB (HS test) or ISTG (LS test) and the L9660 turns off the
driver under test within the specified time TSHUTOFF. If the current does not exceed ISTB or
ISTG then the test is terminated and the MOS switched off by the L9660 within
TFETTIMEOUT. During the TFETTIMEOUT period the FET Time-out bit is set (FT=1) and cleared
at the expiration of the timer.
The results must be compared with the leakage diagnostic results to distinguish between a
real leakage/short versus a FET fault. For high side FET diagnostics if no faults were
indicated in the preceding leakage diagnostics then a normal result would be STB=1;STG=0
(with FT=0;FP=0). If the returned results for the high side FET test is not STB=1;STG=0
(with FT=0;FP=0) then either the FET is not functional, a short occurred during the test, or
there is a missing VRESx connection for that channel. For low side FET diagnostics if no
faults were indicated in the preceding leakage diagnostics then a normal result would be
STB=0;STG=1 (with FT=0;FP=0). If the returned results for the low side FET test is not
STB=0;STG=1 (with FT=0;FP=0) then either the FET is not functional, a short occurred
during the test, or there is a missing GNDx connection for that channel. If the test is in
progress then a bit (FT) is used in the response to indicate this status.
Once the command is issued, output of comparators is latched.
On the next falling edge of CS_D, comparator latched data is captured and reported to
MISO response. The results remain latched until the next test is initiated (diagnostic write
command). If the test is in progress then a bit is used in the response to indicate the test
completion. If the FET under test is working properly then the results indicate a “Short to
Ground” for LS test and “Short to Battery” for HS test. If a leakage is present prior to the test
or FENx is asserted then both “Short to Ground” and Short to Battery” are indicated in the
response for either a LS or HS FET test.
For all conditions the current on SQHx/SQLx never exceeds ISVRCM. On the squib lines there
may be higher transient currents due to the presence of the filter capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com