Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP112 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TP112
Description  100Base-TX/FX Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TP112 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TP112 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 2Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 3Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 4Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 5Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 6Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 7Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TP112
4
TP112-DS-P02
Jan 5, 2000
PIN Description (continued)
PIN NO.
LABEL
TYPE
DESCRIPTION
Modes
36
MDC
I
Management Data Clock
MII management data clock input, maximum clock rate is
2.5MHz
37
MDIO
I/O
Management Data I/O
MII management data input/output
19
TMODE
I
Test Mode
Active high. Set TP112 into test mode, and low for normal
operation. There’s an internal pull low resistor so default is
normal operation
18
HALFONLY
I/IPL
Half Duplex Mode Only
1: half duplex
0: full duplex
15
FORCEON
I/IPL
Force Mode Enable
1: force mode enable
0: auto negotiation mode enable
LEDs
69
FDXLED*
O
Full Duplex LED
Before link OK, this pin is tri-stated. After link OK this pin
indicate current duplex operation for TP112. High for half
duplex and low for full duplex
78
28
LRLED*
FXLRLED*
O
Link/Receive LED
Active low. Indicates the link status of the port, driven low
when link to the port is good. Output for 20mS clock while the
TP112 is receiving data from external media
79
27
TXLED*
FXTLED*
O
Transmit LED
Active low. Indicates that data is being transmitting
Reset & Clock
80
RESET*
I
Reset
Active low. Reset TP112, remain low at least 1us.
91
OSCI/X1
I
Oscillator input or crystal input
(25MHz±50ppm).
90
X2
O
Crystal output. Leave it unconnected (i.e., as a NC pin) when
oscillator is used.
Current Reference
10
BGRES
I
Band Gap Resistor
A 6.2KOhm 1% resistor that supply 200uA reference current
for receive
11
BGGND
I
Band Gap Resistor Ground
Band gap resistor ground reference input



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com