Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP112 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TP112
Description  100Base-TX/FX Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TP112 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TP112 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 2Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 3Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 4Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 5Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 6Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 7Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TP112
6
TP112-DS-P02
Jan 5, 2000
Absolute Maximum Rating
Supply Voltage ....................... VCC –0.25 to VDD +0.25V
Storage Temperature ....................................-65 to 150
°C
Ambient Operating Temperature (Ta).................0 to 70
°C
Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device.
Functional operation under these conditions is not
implied. Exposure to Absolute Maximum Rating
conditions for extended periods may affect product
reliability.
Electrical
n Operating Conditions
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
AVCC
4.75
5
5.25
V
Supply Voltage
DVCC
4.75
5
5.25
V
VCC=5.0V
Power Consumption
ICC
TBD
W
n Input Clock
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Frequency
25
MHz
Frequency Tolerance
-50
+50
PPM
n I/O Electrical Characteristics
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Input Low Voltage
I
VIL
0.8
V
Input High Voltage
I
VIH
2.0
V
Output Low Voltage
O
VOL
0.4
V
IOH=4mA, VCC=5.0V
Output High voltage
O
VOH
2.4
V
IOL=4mA, VCC=5.0V
n TX Transceiver Electrical Characteristics
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Transmitter
Peak Differential Output Voltage
VP
0.95
1.0
1.05
V
Signal Amplitude Symmetry
-
98
100
102
%
Signal Rise/Fall Time
TRF
3
4
5
ns
Rise/Fall Time Symmetry
TRFS
0.5
ns
Duty Cycle Distortion
-
0.5
ns
Overshoot
VO
5
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com