Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP112 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TP112
Description  100Base-TX/FX Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TP112 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  TP112 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 2Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 3Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 4Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 5Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 6Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 7Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TP112
8
TP112-DS-P02
Jan 5, 2000
Package Detail
QFP 128L Outline Dimensions
Unit: Inches/mm
65
102
b
e
39
64
1
38
103
128
D
L
L1
GAGE
PLANE
HD
y
Dimensions In Inches
Dimensions In mm
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A1
0.010
0.014
0.018
0.25
0.35
0.45
A2
0.107
0.112
0.117
2.73
2.85
2.97
b
0.007
0.009
0.011
0.17
0.22
0.27
c
0.004
0.006
0.008
0.09
0.15
0.20
HD
0.669
0.677
0.685
17.00
17.20
17.40
D
0.547
0.551
0.555
13.90
14.00
14.10
HE
0.906
0.913
0.921
23.00
23.20
23.40
E
0.783
0.787
0.791
19.90
20.00
20.10
e
-
0.020
-
-
0.50
-
L
0.025
0.035
0.041
0.65
0.88
1.03
L1
-
0.063
-
-
1.60
-
y
-
-
0.004
-
-
0.10
θ
0
°
-
12
°
0
°
-
12
°
Note:
1. Dimension D & E do not include mold protrusion.
2. Dimension B does not include dambar protrusion.
Total in excess of the B dimension at maximum material condition.
Dambar cannot be located on the lower radius of the foot.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com