Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP112 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TP112
Description  100Base-TX/FX Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TP112 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TP112 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 2Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 3Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 4Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 5Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 6Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 7Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TP112
100Base-TX/FX Converter
1
TP112-DS-P02
Jan 5, 2000
Feature
n 100Base-TX IEEE 802.3u compatible
n Full and Half duplex with Auto-negotiation
n Fully integrated adaptive equalizers
n 125MHz clock generator and clock recovery
n Include transmit waveform shaping to reduce EMI and
filter
n Include baseline wander correction
n Support one TX interface and one Fiber module
interface(ECL interface).
n Support transmit, receive/link, full duplex LED
n Single 5 Voltage supply operation
n 128-pin PQFP
General Description
The TP112 is a single chip media converter for
100Base-TX to 100Base-FX. The TP112 support one
100Base-TX port over CAT5 twisted pair cable and one
ECL interface to connect with fiber module to apply in
100Base-TX/FX converter application. On the
100Base-TX side, The TP112 is directly connected to
external transformers
The chip performs data recovery, clock recovery,
adaptive equalization, auto negotiation, and baseline
wander correction function. The TP112 is compliant with
the IEEE 802.3u standard.
Typical Application
n 100Base-TX to 100Base-FX Converter
TP112
Fiber Module
TX
FX


Similar Part No. - TP112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP1120 ETC1-TP1120 Datasheet
167Kb / 2P
25 to 30 WATT SINGLE, DUAL and TRIPLE OUTPUT DC-DC CONVERTERS
TP1121 ETC1-TP1121 Datasheet
167Kb / 2P
25 to 30 WATT SINGLE, DUAL and TRIPLE OUTPUT DC-DC CONVERTERS
TP1122 ETC1-TP1122 Datasheet
167Kb / 2P
25 to 30 WATT SINGLE, DUAL and TRIPLE OUTPUT DC-DC CONVERTERS
TP1123 ETC1-TP1123 Datasheet
167Kb / 2P
25 to 30 WATT SINGLE, DUAL and TRIPLE OUTPUT DC-DC CONVERTERS
TP1124 ETC1-TP1124 Datasheet
167Kb / 2P
25 to 30 WATT SINGLE, DUAL and TRIPLE OUTPUT DC-DC CONVERTERS
More results

Similar Description - TP112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP113MLF ETC2-IP113MLF Datasheet
690Kb / 58P
Managed 10/100Base-TX / FX Media Converter
IP113ALF ETC2-IP113ALF Datasheet
270Kb / 22P
10 /100Base-Tx/Fx Media Converter
IP113F ETC2-IP113F Datasheet
1Mb / 46P
Managed 10/100Base-TX / FX Media Converter
logo
Level One
FVT-2001 LVL1-FVT-2001 Datasheet
652Kb / 4P
10/100BASE-TX to 100BASE-FX MMF SC Converter, 2km
FVT-2002 LVL1-FVT-2002 Datasheet
650Kb / 4P
10/100BASE-TX to 100BASE-FX MMF ST Converter,
FVT-2201 LVL1-FVT-2201 Datasheet
645Kb / 4P
10/100BASE-TX to 100BASE-FX SMF SC Converter, 20km
FVT-2401 LVL1-FVT-2401 Datasheet
644Kb / 4P
10/100BASE-TX to 100BASE-FX SMF SC Converter, 40km
logo
Axiomtek Co., Ltd.
EL100 AXIOMTEK-EL100 Datasheet
542Kb / 3P
10/100BASE-TX to 100BASE-FX Media Converter
logo
THOR communications
F-FE-TR THOR-F-FE-TR Datasheet
366Kb / 2P
Enhanced 10/100Base-TX to 100Base-FX Media Converter
logo
Axiomtek Co., Ltd.
EL900 AXIOMTEK-EL900_17 Datasheet
835Kb / 4P
Hardened 10/100BASE-TX to 100BASE-FX Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com