Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP112 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TP112
Description  100Base-TX/FX Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TP112 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TP112 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 2Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 3Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 4Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 5Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 6Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 7Page - List of Unclassifed Manufacturers TP112 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TP112
5
TP112-DS-P02
Jan 5, 2000
PIN Description (continued)
PIN NO.
LABEL
TYPE
DESCRIPTION
Power & Ground
4,5,12,97,98,
103,108,112,
114,117,116
121,126
AVCC
I
Analog VCC
+5V
9,93,101,102,
106,107,109,
113,115,120,
122,123,127,
128
AGND
I
Analog Ground
0V
13,16,17,23,
25,26,41,43,
61,62,77,83,
86,88,92,
DVCC
I
Digital VCC
+5V
14,29,
42,54,63,71,
85,87,89
DGND
I
Digital Ground
0V
6,20,21,22,24,
38,40,44,60,64,
66,67,68,81,82,
84,94,95,96,
99,100,118,119,
124,125
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com