Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8388BVFS Datasheet(PDF) 9 Page - ATMEL Corporation

Part # TS8388BVFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BVFS Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TS8388BVFS Datasheet HTML 5Page - ATMEL Corporation TS8388BVFS Datasheet HTML 6Page - ATMEL Corporation TS8388BVFS Datasheet HTML 7Page - ATMEL Corporation TS8388BVFS Datasheet HTML 8Page - ATMEL Corporation TS8388BVFS Datasheet HTML 9Page - ATMEL Corporation TS8388BVFS Datasheet HTML 10Page - ATMEL Corporation TS8388BVFS Datasheet HTML 11Page - ATMEL Corporation TS8388BVFS Datasheet HTML 12Page - ATMEL Corporation TS8388BVFS Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
9
TS8388B
2144C–BDC–04/03
Notes:
1. Differential output buffers are internally loaded by 75
Ω resistors. Buffer bias current = 11 mA.
2. See “Definition of Terms” on page 48.
3. Histogram testing based on sampling of a 10 MHz sinewave at 50 MSPS.
4. Output error amplitude < ± 4 lsb around correct code (including gain and offset error).
5. Maximum jitter value obtained for single-ended clock input on the JTS8388B die (chip on board): 200 fs. (500 fs expected on
TS8388BG)
6. Digital output back termination options depicted in Application Notes.
7. With a typical value of TD = 465 ps, at 1 GSPS, the timing safety margin for the data storing using the ECLinPS 10E452 out-
put registers from Motorola® is of ± 315 ps, equally shared before and after the rising edge of the Data Ready signals (DR,
DRB).
8. The clock inputs may be indifferently entered in differential or single-ended, using ECL levels or 4 dBm typical power level
into the 50
Ω termination resistor of the inphase clock input. (4 dBm into 50Ω clock input correspond to 10 dBm power level
for the clock generator.)
9. At 1 GSPS, 50/50 clock duty cycle, TC2 = 500 ps (TC1). TDR - TOD = -100 ps (typ) does not depend on the sampling rate.
10.
Specified loading conditions for digital outputs:
- 50
Ω or 75Ω controlled impedance traces properly 50/75Ω terminated, or unterminated 75Ω controlled impedance traces.
- Controlled impedance traces far end loaded by 1 standard ECLinPS register from Motorola. (i.e.: 10E452) (Typical input
parasitic capacitance of 1.5 pF including package and ESD protections.)
11.
Termination load parasitic capacitance derating values:
- 50
Ω or 75Ω controlled impedance traces properly 50/75Ω terminated: 60 ps/pF or 75 ps per additionnal ECLinPS load.
- Unterminated (source terminated) 75
Ω controlled impedance lines: 100 ps/pF or 150 ps per additionnal ECLinPS termina-
tion load.
12. Apply proper 50/75
Ω impedance traces propagation time derating values: 6 ps/mm (155 ps/inch) for TSEV8388B Evaluation
Board.
13. Values for TOD and TDR track each other over temperature, (1% variation for TOD-TDR per 100
°C temperature variation).
Therefore TOD-TDR variation over temperature is negligible. Moreover, the internal (on-chip) and package skews between
each Data TODs and TDR effect can be considered as negligible. Consequently, minimum values for TOD and TDR are
never more than 100 ps apart. The same is true for the TOD and TDR maximum values (see Advanced Application Notes
about “TOD-TDR Variation Over Temperature” on page 27).
14. Min value guarantees performance. Max value guarantees functionality.
15. Min value guarantees functionality. Max value guarantees performance.
Data ready output delay
TDR
4
1110
1320
1620
ps
(2)(10)
(11)(12)
Data ready reset delay
TRDR
4
–
720
1000
ps
Data to data ready – Clock low pulse width
(See “Timing Diagrams” on page 10.)
TOD-TDR
4
0
40
80
ps
(9)(13)
(14)
Data to data ready output delay (50% duty cycle)
at 1 GSPS (See “Timing Diagrams” on page 10.)
TD1
4
420
460
500
ps
(2)(15)
Data pipeline delay
TPD
4
4
clock
cycles
Table 3. Electrical Specifications (Continued)
Parameter
Symbol
Test
Level
Value
Unit
Note
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com