Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8388BVFS Datasheet(PDF) 48 Page - ATMEL Corporation

Part # TS8388BVFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BVFS Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button TS8388BVFS Datasheet HTML 44Page - ATMEL Corporation TS8388BVFS Datasheet HTML 45Page - ATMEL Corporation TS8388BVFS Datasheet HTML 46Page - ATMEL Corporation TS8388BVFS Datasheet HTML 47Page - ATMEL Corporation TS8388BVFS Datasheet HTML 48Page - ATMEL Corporation TS8388BVFS Datasheet HTML 49Page - ATMEL Corporation TS8388BVFS Datasheet HTML 50Page - ATMEL Corporation TS8388BVFS Datasheet HTML 51Page - ATMEL Corporation TS8388BVFS Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
48
TS8388B
2144C–BDC–04/03
Definitions
Definition of
Terms
(BER) Bit Error Rate
Probability to exceed a specified error threshold for a sample. An error code is a code that dif-
fers by more than ± 4 lsb from the correct code.
(FPBW) Full Power
Input Bandwidth
Analog input frequency at which the fundamental component in the digitally reconstructed out-
put has fallen by 3 dB with respect to its low frequency value (determined by FFT analysis) for
input at Full Scale.
(SINAD) Signal to Noise
and Distortion Ratio
Ratio expressed in dB of the RMS signal amplitude, set to 1 dB below Full Scale, to the RMS
sum of all other spectral components, including the harmonics except DC.
(SNR) Signal to Noise
Ratio
Ratio expressed in dB of the RMS signal amplitude, set to 1 dB below Full Scale, to the RMS
sum of all other spectral components excluding the five first harmonics.
(THD) Total Harmonic
Distorsion
Ratio expressed in dBc of the RMS sum of the first five harmonic components, to the RMS
value of the measured fundamental spectral component.
(SFDR) Spurious Free
Dynamic Range
Ratio expressed in dB of the RMS signal amplitude, set at 1 dB below Full Scale, to the RMS
value of the next highest spectral component (peak spurious spectral component). SFDR is
the key parameter for selecting a converter to be used in a frequency domain application
(Radar systems, digital receiver, network analyzer, etc.). It may be reported in dBc (i.e.:
degrades as signal levels is lowered), or in dBFS (i.e.: always related back to converter full
scale).
(ENOB) Effective
Number Of Bits
Where A is the actual input amplitude and V is the full scale range of the ADC under test.
(DNL) Differential Non
Linearity
The Differential Non Linearity for an output code i is the difference between the measured step
size of code i and the ideal LSB step size. DNL (i) is expressed in LSBs. DNL is the maximum
value of all DNL (i). DNL error specification of less than 1 lsb guarantees that there are no
missing output codes and that the transfer function is monotonic.
(INL) Integral Non
Linearity
The Integral Non Linearity for an output code i is the difference between the measured input
voltage at which the transition occurs and the ideal value of this transition.
INL (i) is expressed in LSBs, and is the maximum value of all |INL (i)|.
(DG) Differential Gain
The peak gain variation (in percent) at five different DC levels for an AC signal of 20% Full
Scale peak to peak amplitude. F
IN = 5 MHz (TBC).
(DP) Differential Phase
Peak Phase variation (in degrees) at five different DC levels for an AC signal of 20% Full
Scale peak to peak amplitude. F
IN = 5 MHz (TBC).
(TA) Aperture Delay
Delay between the rising edge of the differential clock inputs (CLK, CLKB) (zero crossing
point), and the time at which (V
IN, VINB) is sampled.
SINAD - 1.76 + 20 log (A/V/2)
6.02
ENOB =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com