Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8388BVFS Datasheet(PDF) 31 Page - ATMEL Corporation

Part # TS8388BVFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BVFS Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button TS8388BVFS Datasheet HTML 27Page - ATMEL Corporation TS8388BVFS Datasheet HTML 28Page - ATMEL Corporation TS8388BVFS Datasheet HTML 29Page - ATMEL Corporation TS8388BVFS Datasheet HTML 30Page - ATMEL Corporation TS8388BVFS Datasheet HTML 31Page - ATMEL Corporation TS8388BVFS Datasheet HTML 32Page - ATMEL Corporation TS8388BVFS Datasheet HTML 33Page - ATMEL Corporation TS8388BVFS Datasheet HTML 34Page - ATMEL Corporation TS8388BVFS Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
31
TS8388B
2144C–BDC–04/03
No performance degradation (i.e.: due to timing jitter) is observed in this particular single-
ended configuration up to 1.2 GSPS Nyquist conditions (F
IN = 600 MHz).
This is true so long as the inverted phase clock input pin is 50
Ω terminated very closely to one
of the neighboring shield ground pins, which constitutes the local Ground reference for the
inphase clock input.
Thus the TS8388B differential clock input buffer will fully reject the local ground noise (and any
capacitively and inductively coupled noise) as common mode effects. Moreover, a very low
phase noise sinewave generator must be used for enhanced jitter performance.
The typical inphase clock input amplitude is 1V peak to peak, centered on 0V (ground) com-
mon mode. This corresponds to a typical clock input power level of 4 dBm into the 50
Ω
termination resistor. Do not exceed 10 dBm to avoid saturation of the preamplifier input
transistors.
The inverted phase clock input is grounded through the 50
Ω termination resistor.
Figure 31. Single-ended Clock Input (Ground common mode):
VCLK Common Mode = 0V; VCLKB = 0V; 4 dBm Typical Clock Input Power Level (into 50
Ω termination resistor)
Note:
Do not exceed 10 dBm into the 50
Ω termination resistor for single clock input power level.
Differential ECL Clock
Input
The clock inputs can be driven differentially with nominal -0.8V/-1.8V ECL levels.
In this mode, a low phase noise sinewave generator can be used to drive the clock inputs, fol-
lowed by a power splitter (hybrid junction) in order to obtain 180 degrees out of phase
sinewave signals. Biasing tees can be used for offseting the common mode voltage to ECL
levels.
Note: As the biasing tees propagation times are not matching, a tunable delay line is required
in order to ensure the signals to be 180 degrees out of phase especially at fast clock rates in
the GSPS range.
Figure 32. Differential Clock Inputs (ECL Levels)
50
Ω
(external or
on package)
1 M
Ω
0.4 pF
-0.5V
+0.5V
t
[V]
VCLK
CLK or CLKB double pad (pins 37, 38 or 39, 40)
CLK or CLKB
50
Ω reverse termination
VCLK = 0V
VCLK
50
Ω
(external or
on package)
1 M
Ω
0.4 pF
CLK or CLKB double pad (pins 37, 38 or 39, 40)
CLK or CLKB
-2V
50
Ω reverse termination
-1.8V
-0.8V
[mV]
VCLK
t
VCLKB
Common mode = -1.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com