Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8388BVFS Datasheet(PDF) 32 Page - ATMEL Corporation

Part # TS8388BVFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BVFS Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button TS8388BVFS Datasheet HTML 28Page - ATMEL Corporation TS8388BVFS Datasheet HTML 29Page - ATMEL Corporation TS8388BVFS Datasheet HTML 30Page - ATMEL Corporation TS8388BVFS Datasheet HTML 31Page - ATMEL Corporation TS8388BVFS Datasheet HTML 32Page - ATMEL Corporation TS8388BVFS Datasheet HTML 33Page - ATMEL Corporation TS8388BVFS Datasheet HTML 34Page - ATMEL Corporation TS8388BVFS Datasheet HTML 35Page - ATMEL Corporation TS8388BVFS Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
32
TS8388B
2144C–BDC–04/03
Single-ended ECL
Clock Input
In single-ended configuration enter on CLK (resp. CLKB) pin, with the inverted phase Clock
input pin CLKB (respectively CLK) connected to -1.3V through the 50
Ω termination resistor.
The inphase input amplitude is 1V peak to peak, centered on -1.3V common mode.
Figure 33. Single-ended Clocl Input (ECL):
VCLK Common Mode = -1.3V; VCLKB = -1.3V
Noise Immunity
Information
Circuit noise immunity performance begins at design level.
Efforts have been made on the design in order to make the device as insensitive as possible
to chip environment perturbations resulting from the circuit itself or induced by external cir-
cuitry (Cascode stages isolation, internal damping resistors, clamps, internal (on-chip)
decoupling capacitors).
Furthermore, the fully differential operation from analog input up to the digital outputs provides
enhanced noise immunity by common mode noise rejection.
Common mode noise voltage induced on the differential analog and clock inputs will be can-
celed out by these balanced differential amplifiers.
Moreover, proper active signals shielding has been provided on the chip to reduce the amount
of coupled noise on the active inputs.
The analog inputs and clock inputs of the TS8388B device have been surrounded by ground
pins, which must be directly connected to the external ground plane.
Digital Outputs
The TS8388B differential output buffers are internally 75
Ω loaded. The 75Ω resistors are con-
nected to the digital ground pins through a -0.8V level shift diode (see Figure 34, Figure 35,
Figure 36 on page 35).
The TS8388B output buffers are designed for driving 75
Ω (default) or 50Ω properly terminated
impedance lines or coaxial cables. An 11 mA bias current flowing alternately into one of the
75
Ω resistors when switching ensures a 0.825V voltage drop across the resistor (untermi-
nated outputs).
The V
PLUSD positive supply voltage allows the adjustment of the output common mode level
from -1.2V (V
PLUSD = 0V for ECL output compatibility) to +1.2V (VPLUSD = 2.4V for LVDS output
compatibility).
Therefore, the single-ended output voltages vary approximately between -0.8V and -1.625V,
(outputs unterminated), around -1.2V common mode voltage.
-1.8V
-0.8V
t
[V]
VCLK
VCLKB = -1.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com