Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8388BVFS Datasheet(PDF) 37 Page - ATMEL Corporation

Part # TS8388BVFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BVFS Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button TS8388BVFS Datasheet HTML 33Page - ATMEL Corporation TS8388BVFS Datasheet HTML 34Page - ATMEL Corporation TS8388BVFS Datasheet HTML 35Page - ATMEL Corporation TS8388BVFS Datasheet HTML 36Page - ATMEL Corporation TS8388BVFS Datasheet HTML 37Page - ATMEL Corporation TS8388BVFS Datasheet HTML 38Page - ATMEL Corporation TS8388BVFS Datasheet HTML 39Page - ATMEL Corporation TS8388BVFS Datasheet HTML 40Page - ATMEL Corporation TS8388BVFS Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
37
TS8388B
2144C–BDC–04/03
A standard technique for reducing the amplitude of such errors down to ± 1 lsb consists of out-
putting the digital datas in Gray code format. Though the TS8388B has been designed for
featuring a Bit Error Rate of 10
-13 with a binary output format, it is possible for the user to
select between the Binary or Gray output data format, in order to reduce the amplitude of such
errors when occurring, by storing Gray output codes.
Digital Datas format selection:
•
BINARY output format if GORB is floating or V
CC.
•
GRAY output format if GORB is connected to ground (0V).
Diode Pin 49
One single pin is used for both DRRB input command and die junction monitoring. The pin
denomination is DRRB/DIOD. Temperature monitoring and Data Ready control by DRRB is
not possible simultaneously.
(See “Principle of Data Ready Signal Control by DRRB Input Command” on page 28 for Data
Ready Reset input command).
The operating die junction temperature must be kept below 145
°C, therefore an adequate
cooling system has to be set up. The diode mounted transistor measured Vbe value versus
junction temperature is given below.
Figure 40. Diode Pin 49
ADC Gain Control
Pin 60
The ADC gain is adjustable by the means of the pin 60 (input impedance is 1 M
Ω in parallel
with 2 pF).
The gain adjust transfer function is given below.
600
640
680
720
760
800
840
880
920
960
1000
-55
-35
-15
5
25
45
65
85
105
125
Junction temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com