Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6516 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-39-
18H
PRIVATE MEMORY ALLOCATION BIT MASK for
PORT 8
PORT8_MASK [7:0] 0
R/O
19H
PRIVATE MEMORY ALLOCATION BIT MASK for
PORT 9
PORT9_MASK [7:0] 0
R/O
1AH
PRIVATE MEMORY ALLOCATION BIT MASK for
PORT 10
PORT10_MAS
K
[7:0] 0
R/O
1BH
PRIVATE MEMORY ALLOCATION BIT MASK for
PORT 11
PORT11_MAS
K
[7:0] 0
R/O
1CH
PRIVATE MEMORY ALLOCATION BIT MASK for
PORT 12
PORT12_MAS
K
[7:0] 0
R/O
1DH
PRIVATE MEMORY ALLOCATION BIT MASK for
PORT 13
PORT13_MAS
K
[7:0] 0
R/O
1EH
PRIVATE MEMORY ALLOCATION BIT MASK for
PORT 14
PORT14_MAS
K
[7:0] 0
R/O
1FH
PRIVATE MEMORY ALLOCATION BIT MASK for
PORT 15
PORT15_MAS
K
[7:0] 0
R/O
1400H
Forwarding table control
00H
bits of MAC address used as index for forwarding
table
HASH_BITS
[2:0] 0
R/
W
01-03H
starting SRAM address register for forwarding table
base
TBL_BASE
[18:0
]
0
R/
W
04H
user configured forwarding mode
FWD_MODE
[1:0] 0
R/
W
05-07H
user configured port mask
USER_PM
[16:0
]
0
R/
W
08-09H
port mask for packets sent by CPU
CPU_PM
[15:0
]
0
R/
W
0AH
CPU port related forwarding
configuration.
CPU_FWD_CF
G
[2:0] 0
R/
W
0BH
port id of sniffer port.
SNIFFER_PID [3:0] 0
R/
W
0C-0EH
monitor port mask
MONITOR_PM [16:0
]
0
R/
W
10H
high byte [14:8] of the MAC hash
address to be aged
AGE_MAC
[6:0] 0
R/
W
11H
low byte [7:0] of the MAC hash address
to be aged.
AGE_MAC
[7:0] 0
R/
W
12H
aging status
AGING_STAT
US
[0]
0
R/O
20H
spanning tree state for PORT 0
PORT0_STP_S
TATE
[1:0] 0
R/
W
21H
spanning tree state for PORT 1
PORT1_STP_S
TATE
[1:0] 0
R/
W
22H
spanning tree state for PORT 2
PORT2_STP_S
TATE
[1:0] 0
R/
W
23H
spanning tree state for PORT 3
PORT3_STP_S
TATE
[1:0] 0
R/
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com