Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6516 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-16-
See Ball
Table
HA[2:0]
I
HOST IDE-Interface Address Bus:
3’b000: command the switch that the whole 16-bit data in the HOST data
bus HD[15:0] is valid for packet-data read/write.
3’b001: command the switch that only the 8-bit data in the HOST data bus
HD[15:0] is valid for internal registers read/write.
3’b010: command the switch to write the low byte in the HOST data bus
HD[15:0] into the low byte of the 16-bit switch address register
for internal registers reference.
3’b011: command the switch to write the low byte in the HOST data bus
HD[15:0] into the high byte of the 16-bit switch address register
for internal registers reference.
3’b1xx: bus-idle command. Keep this address bus to be 3’b111 as the
HOST has no access to VT-3061A.
See Ball
Table
HD[15:0]
I/O
HOST IDE-Interface Data Bus:
The whole 16-bit data bus is valid for packet data read/write. However,
only the 8-bit data bus is valid for internal registers read/write.
See Ball
Table
HCS
I
HOST Chip Select:
Active LOW. HCS must be asserted during the access of HOST IDE
interface.
See Ball
Table
IOR
I
IO READ:
High-to-Low Edge Trigger. IOR must be asserted from high to low to
begin the read cycle of HOST IDE interface.
See Ball
Table
IOW
I
IO READ:
High-to-Low Edge Trigger. IOW must be asserted from high to low to
begin the write cycle of HOST IDE interface.
See Ball
Table
INTRQ
O
Interrupt Request:
Connected to the HOST external interrupt pin. It is asserted as the
following four interrupt events happen:
(1) MII Management Registers read/write command done
(2) EEPROM read/write command done
(3) Receiving a packet destined to HOST
(4) Finishing transmission of a packet issued by HOST
The interrupt cause is recorded in register IRQSTS[3:0] in address 2000H.
To clear the individual interrupt, The corresponding register has to be
written:
(1) register CLR_PHY_INT in 1806H for PHY interrupt.
(2) register CLR_EE_INT in 1C04H for EEPROM interrupt.
(3) register CLR_RCV_INT in 6403H for packet-receiving interrupt.
l
register CLR_SENT_INT in 6411H for packet-sent interrupt.
MII Interface
See Ball
Table
TCLK[11:0]
I
Transmit Clock for Port 0-11:
TCLK is driven by the PHY device. TCLK is a continuous clock that
provides the timing reference for the transfer of the TXEN and TXD
signals to the PHY. A PHY operating at 100Mbps must provide a TCLK
frequency of 25MHz and a PHY operating at 10Mbps must provide a
TCLK frequency of 2.5MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com