Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6516 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datasheet
7
-
Chip initialization, auto-aging and spanning tree algorithm support by firmware
-
Auto-sensing 10/100M media speed, duplex mode, and flow-control capability by
firmware
l
50MHz internal reference clock rate
l
50~100MHz SDRAM clock rate, typically 83MHz
l
50~100MHz SSRAM clock rate, typically 83MHz
l
Single +3.3V supply, 0.3
µm standard CMOS technology
l
476 ball BGA package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com