Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6516 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-45-
02H
SDRAM Operation Mode:
For the bits [2:0], the operation modes are defined as follows:
3’b000: Normal SDRAM Mode
3’b001: NOP Command Enable
3’b010: Precharge All Banks
3’b011: MSR Enable (Mode Register Set Enable)
3’b100: CBR Refresh Cycle Enable
others: idle for power-up
For the bit [3], it is called REFRESH_EN, defined as follows:
0: turn off hardware refresh cycle (default)
1: turn on hardware refresh cycle
After the last refresh operation issued by software in the
initialization cycle, software should enable the bit “REFRESH_EN”
immediately to notify SDRAM control module ‘sdramctl’ to start
generating refresh cycle periodically.
The initialization of SDRAM control module is illustrated as
follows:
SDRAMTYPE ß 0 : 16Mb
CL ß 1 : read latency = 2
(3) delay 1
s
(4) RSDM ß 1 : NOP
(5) delay 1
s
(6) RSDM ß 2 : Precharge
(7) delay 1
s
(8) loop 7 times
RSDM ß 4 : Refresh
delay 1
s
RSDM ß 1 : NOP
delay 1
s
(9) RSDM ß 0CH : Refresh & turn on hardware refresh
(10) delay 1
s
(11) RSDM ß 0BH : Mode Register Set Enable
(12) delay 1
s
(13) RSDM ß 08H : Normal SDRAM Mode
(14) END0A ß 0x04 : DIM bank 0 ending address = 32MB
(15) END1A ß 0x08 : DIM bank 1 ending address = 64MB
(16) END2A ß 0x0C : DIM bank 2 ending address = 96MB
(17) END3A ß 0x10 : DIM bank 3 ending address = 128MB
RSDM
[3:0]
5
R/W
03H
Bits [27:23] of DIMM Bank 0 Ending Address
For the case that there are two 32MB SDRAM modules plugged in
DIMM slot 0 and two 16MB SDRAM modules plugged in DIMM
slot 1, assign the registers as follows
END0A = 04H to indicate the ending address of DIMM Bank 0 is at
2^25 (32MB)
END1A = 08H to indicate the ending address of DIMM Bank 1 is at
2^26 (64MB)
END2A = 0AH to indicate the ending address of DIMM Bank 0 is at
2^26+2^24 (80MB)
END3A = 0CH to indicate the ending address of DIMM Bank 0 is at
2^26+2^25 (96MB)
END0A
[4:0]
0
R/W
04H
Bits [27:23] of DIMM Bank 1 Ending Address
(see END0A)
END1A
[4:0]
0
R/W
05H
Bits [27:23] of DIMM Bank 2 Ending Address
(see END0A)
END2A
[4:0]
0
R/W
06H
Bits [27:23] of DIMM Bank 3 Ending Address
(see END0A)
END3A
[4:0]
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com