Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6516 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 57Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-61-
02H
Backoff configuration
bit 0: CAP mode , mild solution for Capture effect
bit 1: MBA mode , aggressive solution for Capture
effect
bit 2: EEFAST mode , drop the 2
nd collided packet
for testing
purpose, accelerate the drop event
bit 3: CRANDOM mode , use another random
algorithm
bit 4: OFSET , parameter for backoff timer
For that CAP mode is enabled, the TMAC module
will select the backoff time as b’10 or b’11 for the
2
nd collision, i.e. the backoff time for the 2nd collision
is 2 or 3 slot times, where a slot time is 512 bits time
duration.
For that MBA mode is enabled, the TMAC will
select
backoff time for 10
th collision just as that for 5th
collision
backoff time for 11
th collision just as that for 4th
collision
backoff time for 12
th collision just as that for 3rd
collision
backoff time for 13
th collision just as that for 2nd
collision
backoff time for 14
th collision just as that for 1st
collision
backoff time for 15
th collision as 0.
For that EEFAST mode is enabled, the Output
Control will drop the packet immediately as the
second collision happens.
For that CRANDOM mode is enabled, the TMAC
will select the backoff time by using the alternative
random algorithm that calculates the backoff time as
that for 10
th collision.
For OFSET=1, the TMAC will follow the 802.3
standard backoff algorithm. For OFSET=0, the
TMAC will select the backoff time for the 1
st and 2nd
collision as that of the 3
rd collision, i.e. the possible
the backoff time for the 1
st and 2nd collision is ranged
from 0 to 7 in unit of slot time.
BOFFCFG [4:0] 5’b10
000
R/
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com