Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8199SCDS Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8199SCDS
Description  20MSPS 16-bit CCD Digitiser
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8199SCDS Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8199SCDS Datasheet HTML 2Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 3Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 4Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 5Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 6Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 7Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 8Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 9Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
WM8199
Production Data
w
PD Rev 3.2 November 2003
6
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = DVDD1 = 5.0V, DVDD2 = 3.3V, AGND = DGND = 0V, TA = 25
°C, MCLK = 32MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Overall System Specification (including 16-bit ADC, PGA, Offset and CDS functions)
Conversion rate
16
MSPS
Full-scale input voltage range
(see Note 1)
Max Gain
Min Gain
0.4
4.08
Vp-p
Vp-p
Input signal limits (see Note 2)
VIN
0
AVDD
V
Full-scale transition error
Gain = 0dB;
PGA[7:0] = 4B(hex)
20
mV
Zero-scale transition error
Gain = 0dB;
PGA[7:0] = 4B(hex)
20
mV
Differential non-linearity
DNL
1.25
LSB
Integral non-linearity
INL
36
LSB
Channel to channel gain matching
1
%
Total output noise
Min Gain
Max Gain
5
25
LSB rms
LSB rms
References
Upper reference voltage
VRT
2.85
V
Lower reference voltage
VRB
1.35
V
Input return bias voltage
VRX
1.65
V
Diff. reference voltage (VRT-VRB)
VRTB
1.4
1.5
1.6
V
Output resistance VRT, VRB, VRX
1.6
Ω
VRLC/Reset-Level Clamp (RLC)
RLC switching impedance
50
Ω
VRLC short-circuit current
2
mA
VRLC output resistance
2
Ω
VRLC Hi-Z leakage current
VRLC = 0 to AVDD
1
µA
RLCDAC resolution
4
bits
RLCDAC step size, RLCDAC = 0
VRLCSTEP
AVDD=5V
0.25
V/step
RLCDAC step size, RLCDAC = 1
VRLCSTEP
0.17
V/step
RLCDAC output voltage at
code 0(hex), RLCDACRNG = 0
VRLCBOT
AVDD=5V
0.39
V
RLCDAC output voltage at
code 0(hex), RLCDACRNG = 1
VRLCBOT
0.26
V
RLCDAC output voltage at
code F(hex) RLCDACRNG, = 0
VRLCTOP
AVDD=5V
4.14
V
RLCDAC output voltage at
code F(hex), RLCDACRNG = 1
VRLCTOP
2.81
V
VRLC deviation
25
mV
Offset DAC, Monotonicity Guaranteed
Resolution
8
bits
Differential non-linearity
DNL
0.1
0.5
LSB
Integral non-linearity
INL
0.25
1
LSB
Step size
2.02
mV/step
Output voltage
Code 00(hex)
Code FF(hex)
-260
+260
mV
mV
Notes:
1.
Full-scale input voltage denotes the peak input signal amplitude that can be gained to match the ADC full-scale
input range.
2.
Input signal limits are the limits within which the full-scale input voltage signal must lie.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com