Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8199SCDS Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8199SCDS
Description  20MSPS 16-bit CCD Digitiser
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8199SCDS Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8199SCDS Datasheet HTML 21Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 22Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 23Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 24Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 25Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 26Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 27Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 28Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
WM8199
Production Data
w
PD Rev 3.2 November 2003
25
REGISTER MAP DESCRIPTION
The following table describes the function of each of the control bits shown in Table 5.
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
0
EN
1
When SELPD = 1 this bit has no effect.
When SELPD = 0 this bit controls the global power down:
0 = complete power down, 1 = fully active.
1
CDS
1
Select correlated double sampling mode: 0 = single ended mode,
1 = CDS mode.
2
MONO
0
Mono/colour select: 0 = colour, 1 = monochrome operation.
3
SELPD
0
Selective power down: 0 = no individual control,
1 = individual blocks can be disabled (controlled by SELDIS[3:0]).
Offsets PGA output to optimise the ADC range for different polarity sensor
output signals. Zero differential PGA input signal gives:
5:4
PGAFS[1:0]
00
00 = Zero output
(use for bipolar video)
01 = Zero output
10 = Full-scale positive output
(use for negative going video)
11 = Full-scale negative output
(use for positive going video)
Setup
Register 1
6
MODE4
0
Required when operating in MODE4: 0 = other modes, 1 = MODE4.
Determines the output data format.
1:0
MUXOP[1:0]
0
00 = 8-bit multiplexed
01 = 8-bit multiplexed (8+8 bits)
10 = 8-bit multiplexed mode (8+8 bits)
11 = 4-bit multiplexed mode (4+4+4+4 bits)
2
INVOP
0
Digitally inverts the polarity of output data.
0 = negative going video gives negative going output,
1 = negative-going video gives positive going output data.
3
VRLCEXT
0
When set powers down the RLCDAC, changing its output to Hi-Z, allowing
VRLC/VBIAS to be externally driven.
5
RLCDACRNG
1
Sets the output range of the RLCDAC.
0 = RLCDAC ranges from 0 to AVDD (approximately),
1 = RLCDAC ranges from 0 to VRT (approximately).
Sets the output latency in ADC clock periods.
1 ADC clock period = 2 MCLK periods except in Mode 3 where 1 ADC clock
period = 3 MCLK periods.
Setup
Register 2
7:6
DEL[1:0]
00
00 = Minimum latency
01 = Delay by one ADC clock
period
10 = Delay by two ADC clock periods
11 = Delay by three ADC clock periods
3:0
RLCV[3:0]
1111
Controls RLCDAC driving VRLC pin to define single ended signal reference
voltage or Reset Level Clamp voltage. See Electrical Characteristics section
for ranges.
CDS mode reset timing adjust.
5:4
CDSREF[1:0]
01
00 = Advance 1 MCLK period
01 = Normal
10 = Retard 1 MCLK period
11 = Retard 2 MCLK periods
Monochrome mode channel select.
Setup
Register 3
7:6
CHAN[1:0]
00
00 = Red channel select
01 = Green channel select
10 = Blue channel select
11 = Reserved
Software
Reset
Any write to Software Reset causes all cells to be reset. It is recommended
that a software reset be performed after a power-up before any other register
writes.
Auto-cycle
Reset
Any write to Auto-cycle Reset causes the auto-cycle counter to reset
to RINP. This function is only required when LINEBYLINE = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com