Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8199SCDS Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8199SCDS
Description  20MSPS 16-bit CCD Digitiser
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8199SCDS Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8199SCDS Datasheet HTML 13Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 14Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 15Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 16Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 17Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 18Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 19Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 20Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
WM8199
Production Data
w
PD Rev 3.2 November 2003
17
CONTROL INTERFACE
The internal control registers are programmable via the serial digital control interface. The register
contents can be read back via the serial interface on pin OP[7]/SDO.
It is recommended that a software reset is carried out after the power-up sequence, before writing to
any other register. This ensures that all registers are set to their default values (as shown in Table
5).
SERIAL INTERFACE: REGISTER WRITE
Figure 16 shows register writing in serial mode. Three pins, SCK, SDI and SEN are used. A six-bit
address (a5, 0, a3, a2, a1, a0) is clocked in through SDI, MSB first, followed by an eight-bit data
word (b7, b6, b5, b4, b3, b2, b1, b0), also MSB first. Each bit is latched on the rising edge of SCK.
When the data has been shifted into the device, a pulse is applied to SEN to transfer the data to the
appropriate internal register. Note all valid registers have address bit a4 equal to 0 in write mode.
SCK
SEN
SDI
a5
0
a3
a2a1a0b7
b6b5b4b3
b2b1b0
Address
Data Word
Figure 16 Serial Interface Register Write
A software reset is carried out by writing to Address “000100” with any value of data, (i.e. Data Word
= XXXXXXXX).
SERIAL INTERFACE: REGISTER READ-BACK
Figure 17 shows register read-back in serial mode. Read-back is initiated by writing to the serial bus
as described above but with address bit a4 set to 1, followed by an 8-bit dummy data word. Writing
address (a5, 1, a3, a2, a1, a0) will cause the contents (d7, d6, d5, d4, d3, d2, d1, d0) of
corresponding register (a5, 0, a3, a2, a1, a0) to be output MSB first on pin SDO (on the falling edge
of SCK). Note that pin SDO is shared with an output pin, OP[7], therefore OEB should always be
held low when register read-back data is expected on this pin. The next word may be read in to SDI
while the previous word is still being output on SDO.
SCK
SEN
SDI
a5
1
a3 a2 a1 a0
x
x
xxx
xxx
Address
Data Word
d7 d6 d5 d4 d3 d2 d1 d0
Output Data Word
SDO/
OP[7]
OEB
Figure 17 Serial Interface Register Read-back
TIMING REQUIREMENTS
To use this device a master clock (MCLK) of up to 40MHz and a per-pixel synchronisation clock
(VSMP) of up to 20MHz are required. These clocks drive a timing control block, which produces
internal signals to control the sampling of the video signal. MCLK to VSMP ratios and maximum
sample rates for the various modes are shown in Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com