Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8199SCDS Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8199SCDS
Description  20MSPS 16-bit CCD Digitiser
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8199SCDS Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8199SCDS Datasheet HTML 10Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 11Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 12Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 13Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 14Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 15Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 16Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 17Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
WM8199
Production Data
w
PD Rev 3.2 November 2003
14
MCLK
VSMP
VS
R
S/CL (CDSREF = 00)
R
S/CL (CDSREF = 01)
R
S/CL (CDSREF = 10)
R
S/CL (CDSREF = 11)
Figure 10 Reset Sample and Clamp Timing
For CIS type sensor signals, non-CDS processing is used. In this case, the video level is processed
with respect to the voltage on pin VRLC/VBIAS, generated internally or externally as described
above. The VRLC/VBIAS pin is sampled by Rs at the same time as Vs samples the video level in this
mode.
OFFSET ADJUST AND PROGRAMMABLE GAIN
The output from the CDS block is a differential signal, which is added to the output of an 8-bit Offset
DAC to compensate for offsets and then amplified by an 8-bit PGA. The gain and offset for each
channel are independently programmable by writing to control bits DAC[7:0] and PGA[7:0].
The gain characteristic of the WM8199 PGA is shown in Figure 11. Figure 12 shows the maximum
device input voltage that can be gained up to match the ADC full-scale input range (3V).
0
1
2
3
4
5
6
7
8
0
64
128
192
256
Gain register value (PGA[7:0])
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
64
128
192
256
Gain register value (PGA[7:0])
Figure 11 PGA Gain Characteristic
Figure 12 Peak Input Voltage to Match ADC Full-scale Range
In colour line-by-line mode the gain and offset coefficients for each colour can be multiplexed in order
(Red
→ Green → Blue → Red…) by pulsing the ACYC/RLC pin, or controlled via the FME,
ACYCNRLC and INTM[1:0] bits. Refer to the Line-by-Line Operation section for more details.
ADC INPUT BLACK LEVEL ADJUST
The output from the PGA should be offset to match the full-scale range of the ADC (3V). For
negative-going input video signals, a black level (zero differential) output from the PGA should be
offset to the top of the ADC range by setting register bits PGAFS[1:0]=10. For positive going input
signal the black level should be offset to the bottom of the ADC range by setting PGAFS[1:0]=11.
Bipolar input video is accommodated by setting PGAFS[1:0]=00 or PGAFS[1:0]=01 (zero differential
input voltage gives mid-range ADC output).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com