Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8199SCDS Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8199SCDS
Description  20MSPS 16-bit CCD Digitiser
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8199SCDS Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8199SCDS Datasheet HTML 14Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 15Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 16Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 17Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 18Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 19Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 20Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 21Page - Wolfson Microelectronics plc WM8199SCDS Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
WM8199
Production Data
w
PD Rev 3.2 November 2003
18
PROGRAMMABLE VSMP DETECT CIRCUIT
The VSMP input is used to determine the sampling point and frequency of the WM8199. Under
normal operation a pulse of 1 MCLK period should be applied to VSMP at the desired sampling
frequency (as shown in the Operating Mode Timing Diagrams) and the input sample will be taken on
the first rising MCLK edge after VSMP has gone low. However, in certain applications such a signal
may not be readily available. The programmable VSMP detect circuit in the WM8199 allows the
sampling point to be derived from any signal of the correct frequency, such as a CCD shift register
clock, when applied to the VSMP pin.
When enabled, by setting the VSMPDET control bit, the circuit detects either a rising or falling edge
(determined by POSNNEG control bit) on the VSMP input pin and generates an internal VSMP pulse.
This pulse can optionally be delayed by a number of MCLK periods, specified by the VDEL[2:0] bits.
Figure 18 shows the internal VSMP pulses that can be generated by this circuit for a typical clock
input signal. The internal VSMP pulse is then applied to the timing control block in place of the
normal VSMP pulse provided from the input pin. The sampling point then occurs on the first rising
MCLK edge after this internal VSMP pulse, as shown in the Operating Mode Timing Diagrams.
MCLK
VSMP
(VDEL = 000) INTVSMP
POSNNEG = 1
(VDEL = 001) INTVSMP
(VDEL = 010) INTVSMP
(VDEL = 011) INTVSMP
(VDEL = 100) INTVSMP
(VDEL = 101) INTVSMP
(VDEL = 110) INTVSMP
(VDEL = 111) INTVSMP
POSNNEG = 0
(VDEL = 000) INTVSMP
(VDEL = 001) INTVSMP
(VDEL = 010) INTVSMP
(VDEL = 011) INTVSMP
(VDEL = 100) INTVSMP
(VDEL = 101) INTVSMP
(VDEL = 110) INTVSMP
(VDEL = 111) INTVSMP
INPUT
PINS
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
V
S
Figure 18 Internal VSMP Pulses Generated by Programmable VSMP Detect Circuit
REFERENCES
The ADC reference voltages are derived from an internal bandgap reference, and buffered to pins
VRT and VRB, where they must be decoupled to ground. Pin VRX is driven by a similar buffer, and
also requires decoupling. The output buffer from the RLCDAC also requires decoupling at pin
VRLC/VBIAS
POWER SUPPLY
The WM8199 can run from a 5V single supply or from split 5V (core) and 3.3V (digital interface)
supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com