Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6209R Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6209R Datasheet HTML 5Page - Infineon Technologies AG TLE6209R Datasheet HTML 6Page - Infineon Technologies AG TLE6209R Datasheet HTML 7Page - Infineon Technologies AG TLE6209R Datasheet HTML 8Page - Infineon Technologies AG TLE6209R Datasheet HTML 9Page - Infineon Technologies AG TLE6209R Datasheet HTML 10Page - Infineon Technologies AG TLE6209R Datasheet HTML 11Page - Infineon Technologies AG TLE6209R Datasheet HTML 12Page - Infineon Technologies AG TLE6209R Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TLE 6209 R
Data Sheet, Version 3.0
9
2001-10-15
2.4
Power Stages
The output stages consist of a DMOS H-bridge built by two highside switches and two
lowside switches. Integrated circuits protect the outputs against overcurrent and
overtemperature if there is a short-circuit to ground or to the supply voltage or across the
load. Positive and negative voltage spikes, which occur when switching inductive loads,
are limited by integrated freewheeling diodes.
2.4.1
Charge Pump
To realize the fast switching times, the charge pump, which generates the voltage
necessary to switch on the n-channel D-MOS high-side switches, must be highly
efficient. It requires an external capacitor
C
DRV which is connected to VS and the charge
pump buffer input, DRV. It should be placed as close to the pins as possible.
2.4.2
Chopper Current Limitation
To limit the output current, a chopper current limitation is integrated as shown in
Figure 3. The current is measured by sense cells integrated in the low-side switches. As
soon the current limit
I
L is reached, the low-side switch is switched off for a fixed time
t
OFF. IL and tOFF can be set by the SPI control bits 0,1, 3 and 4.
Figure 3
Chopper current limitation
2.4.3
Active Freewheeling
When drivng inductive loads with PWM operation, the dissipated power can be
significantly reduced by activating the transistor located parallel to the internal
freewheeling diode. This is realized in the TLE 6209 R. When switching an output from
L to H, the high-side switch is turned on after a certain dead-time to avoid cross currents
flowing through the half bridge.
current limit I
L
off-time t
OFF
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com