Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6209R Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6209R Datasheet HTML 9Page - Infineon Technologies AG TLE6209R Datasheet HTML 10Page - Infineon Technologies AG TLE6209R Datasheet HTML 11Page - Infineon Technologies AG TLE6209R Datasheet HTML 12Page - Infineon Technologies AG TLE6209R Datasheet HTML 13Page - Infineon Technologies AG TLE6209R Datasheet HTML 14Page - Infineon Technologies AG TLE6209R Datasheet HTML 15Page - Infineon Technologies AG TLE6209R Datasheet HTML 16Page - Infineon Technologies AG TLE6209R Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
TLE 6209 R
Data Sheet, Version 3.0
13
2001-10-15
3.2
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Supply voltage
V
S
V
UV OFF
40
V
After
V
S rising
above
V
UV ON
Supply voltage slew rate
d
V
S /dt
–10
10
V/
µs
–
Logic supply voltage
V
CC
4.75
5.50
V
–
Supply voltage increasing
V
S
– 0.3
V
UV ON
V
Outputs in tristate
Supply voltage decreasing
V
S
– 0.3
V
UV OFF
V
Outputs in tristate
Logic input voltage (SDI,
SCLK, CSN, INH)
V
I
– 0.3
V
CC
V
–
SPI clock frequency
f
CLK
–
2MHz
–
Junction temperature
T
j
– 40
150
°C
–
Thermal Resistances
Junction pin
R
thjC
–
1.5
K/W
measured to
pin 1, 10, 11, 20
Junction ambient
R
thjA
–
50
K/W
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com