Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6209R Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE6209R Datasheet HTML 8Page - Infineon Technologies AG TLE6209R Datasheet HTML 9Page - Infineon Technologies AG TLE6209R Datasheet HTML 10Page - Infineon Technologies AG TLE6209R Datasheet HTML 11Page - Infineon Technologies AG TLE6209R Datasheet HTML 12Page - Infineon Technologies AG TLE6209R Datasheet HTML 13Page - Infineon Technologies AG TLE6209R Datasheet HTML 14Page - Infineon Technologies AG TLE6209R Datasheet HTML 15Page - Infineon Technologies AG TLE6209R Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TLE 6209 R
Data Sheet, Version 3.0
12
2001-10-15
3
Characteristics
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
3.1
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Voltages
Supply voltage
V
S
– 0.3
40
V
–
Supply voltage
V
S
– 145
V
t < 0.5 s; I
S > – 2 A
Logic supply voltage
V
CC
– 0.3
5.5
V
0 V <
V
S < 40 V
Logic input voltages
(SDI, SCLK, CSN, INH,
DIS, PWM, DIR)
V
I
– 0.3
5.5
V
0 V <
V
S < 40 V
0 V <
V
CC < 5.5 V
Logic output voltage
(SDO)
V
O
– 0.3
5.5
V
0 V <
V
S < 40 V
0 V <
V
CC < 5.5 V
Output voltage
(OUT1, OUT2)
V
OUT
– 0.3 V
V
S +
1,5V
–
0 V <
V
S < 40 V
Charge pump buffer voltage
(DRV)
V
DRV
V
S –
0.3 V
V
S +
15 V
–
0 V <
V
S < 40 V
Currents
Output current (cont.)
I
OUT
––
A
internally limited,
see page 16 and
page 17.
Output current (peak)
I
OUT
––
A
Temperatures
Junction temperature
T
j
– 40
150
°C
–
Storage temperature
T
stg
– 50
150
°C
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com