Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6209R Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6209R Datasheet HTML 1Page - Infineon Technologies AG TLE6209R Datasheet HTML 2Page - Infineon Technologies AG TLE6209R Datasheet HTML 3Page - Infineon Technologies AG TLE6209R Datasheet HTML 4Page - Infineon Technologies AG TLE6209R Datasheet HTML 5Page - Infineon Technologies AG TLE6209R Datasheet HTML 6Page - Infineon Technologies AG TLE6209R Datasheet HTML 7Page - Infineon Technologies AG TLE6209R Datasheet HTML 8Page - Infineon Technologies AG TLE6209R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TLE 6209 R
Data Sheet, Version 3.0
2
2001-10-15
motor. Several device parameters can be set by the SPI control word. A three-level
temperature monitoring with prewarning, warning and shutdown is included for
controlled operation under critical power loss conditions. The full protection and
diagnosis capability make the device suitable especially for safety relevant applications,
e.g. in automotive ECUs.
1.2
Pin Configuration
(top view)
Pin Definitions and Functions
V
S
Power Supply Voltage
V
CC
5 V Logic Supply
DRV
Input for Charge pump buffer
capacitor
GND
Ground
SDI
Serial Data Input
SDO
Serial Data Output
SCLK
Serial Clock Input
CSN
Chip-Select-Not Input
OUT
Power Output
–
–
PWM
PWM Input
DIR
Direction Input
DIS
Disable Input
INH
Inhibit
OUT 2
OUT 2
INH
GND
GND
CSN
OUT 1
SCLK
SDI
SDO
OUT 1
V
S
GND
V
S
V
CC
GND
DRV
PWM
DIR
DIS
Metal slug,
connected to GND
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
19
18
17
20
10
TLE 6209R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com