Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6209R Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE6209R Datasheet HTML 13Page - Infineon Technologies AG TLE6209R Datasheet HTML 14Page - Infineon Technologies AG TLE6209R Datasheet HTML 15Page - Infineon Technologies AG TLE6209R Datasheet HTML 16Page - Infineon Technologies AG TLE6209R Datasheet HTML 17Page - Infineon Technologies AG TLE6209R Datasheet HTML 18Page - Infineon Technologies AG TLE6209R Datasheet HTML 19Page - Infineon Technologies AG TLE6209R Datasheet HTML 20Page - Infineon Technologies AG TLE6209R Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
TLE 6209 R
Data Sheet, Version 3.0
17
2001-10-15
High-Side Switch Overcurrent
High-side shutdown
threshold
I
SDH
812
18
A
–
Shutdown delay time
t
dSD
15
25
40
µs
–
Short circuit current
I
SC
––
25
A
during
t
dSD
Note: For short circuit current definition, see Figure 5. Short circuit current is
guaranteed by design
Leakage Current / Output Current in Tristate
Source-Output-Stage
I
QLH
– 120 – 50
–
µA
V
OUT = 0 V
Sink-Output-Stage
I
QLL
–
0.5
1
mA
V
OUT = VS
Output Delay Times (device not in stand-by for
t > 1 ms)
High-side ON
t
dONH
–
410
µs
V
S = 13.2 V,
Resistive load of
12
Ω
High-side OFF
t
dOFF H
–
0.6
1
µs
Low-side ON
t
dONL
–
23.5
µs
Low-side OFF
t
dOFF L
–
2.5
4
µs
Output Switching Times (device not in stand-by for
t > 1 ms)
High-side switch rise time
t
RISE H
–
1.8
3.5
µs
V
S = 13.2 V,
Resistive load of
12
Ω
High-side switch fall time
t
FALL H
–
0.2
0.8
µs
Low-side switch rise time
t
RISE L
26.5
11
µs
Low-side switch fall time
t
FALL L
24.3
6.5
µs
Note: For switching time definitions, see Figure 6.
3.3
Electrical Characteristics (cont’d)
8 V <
V
S < 40 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
– 40
°C < T
j < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com