Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP606 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP606
Description  2.5V TO 5.5V MICROPOWER CMOS OP AMPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP606 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP606 Datasheet HTML 8Page - Microchip Technology MCP606 Datasheet HTML 9Page - Microchip Technology MCP606 Datasheet HTML 10Page - Microchip Technology MCP606 Datasheet HTML 11Page - Microchip Technology MCP606 Datasheet HTML 12Page - Microchip Technology MCP606 Datasheet HTML 13Page - Microchip Technology MCP606 Datasheet HTML 14Page - Microchip Technology MCP606 Datasheet HTML 15Page - Microchip Technology MCP606 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
0&3
'6& SDJH 
  0LFURFKLS 7HFKQRORJ\ ,QF
),*85(  7LPLQJ 'LDJUDP IRU WKH&6 IXQFWLRQRI WKH 0&3 DPSOLILHU

7KH &KLS6HOHFW 2SWLRQRI WKH 0&3
7KH 0&3 LV D VLQJOH DPSOLILHU ZLWK D &KLS 6HOHFW
RSWLRQ :KHQ &6 LV SXOOHG KLJK WKH VXSSO\ FXUUHQW
GURSV WR  Q$ W\S  ,Q WKLV VWDWH WKH DPSOLILHU LV SXW
LQWR D KLJK LPSHGDQFH VWDWH %\ SXOOLQJ &6 ORZ WKH
DPSOLILHU LV HQDEOHG ,I WKH &6 SLQLV OHIW IORDWLQJ WKH
DPSOLILHU ZLOO QRW RSHUDWH SURSHUO\ )LJXUH  VKRZV WKH
RXWSXW YROWDJH DQG VXSSO\ FXUUHQW UHVSRQVH WR D &6
SXOVH

/D\RXW &RQVLGHUDWLRQV
,Q DSSOLFDWLRQV ZKHUH ORZ LQSXW ELDV FXUUHQW LV FULWLFDO
3& ERDUG VXUIDFH OHDNDJH HIIHFWV DQG VLJQDO FRXSOLQJ
IURP WUDFHWRWUDFH QHHG WR EH WDNHQ LQWR FRQVLGHUDWLRQ

685)$&(/($.$*(
6XUIDFH OHDNDJHDFURVV D 3&ERDUGLV D FRQVHTXHQFH
RI GLIIHULQJ'& YROWDJHV EHWZHHQWZRWUDFHVFRPELQHG
ZLWK KLJK KXPLGLW\ GXVW RU FRQWDPLQDWLRQ RQ WKH ERDUG
)RU LQVWDQFH WKH W\SLFDO UHVLVWDQFH IURP 3& ERDUG
WUDFHWRSDG LV DSSUR[LPDWHO\  Ω XQGHU ORZ KXPLG
LW\ FRQGLWLRQV ,I DQ DGMDFHQWWUDFH LV ELDVHG WR 9 DQG
WKH LQSXW SLQ RI WKH DPSOLILHU LV ELDVHG DW RU QHDU ]HUR
YROWV D S$ OHDNDJHFXUUHQW ZLOO DSSHDU RQ WKHDPSOL
ILHU¶V LQSXW QRGH 7KLV W\SH RI 3&% OHDNDJH LV ILYH WLPHV
WKH URRP WHPSHUDWXUH LQSXW ELDV FXUUHQW  S$ W\S RI
WKH 0&3 IDPLO\ RI DPSOLILHUV
7KH VLPSOHVW WHFKQLTXH WKDW FDQ EHXVHG WR UHGXFH WKH
HIIHFWVRI 3& ERDUG OHDNDJHLVWR GHVLJQDULQJDURXQG
VHQVLWLYH SLQV DQG WUDFHV $Q H[DPSOH RI WKLV W\SH RI
OD\RXW LV VKRZQLQ )LJXUH 
),*85(  ([DPSOH RI *XDUG 5LQJ IRU WKH
0&3 WKH $DPSOLILHU RI WKH 0&3 RU WKH
0&3 LQ D 3&%RDUG /D\RXW
&LUFXLW H[DPSOHV RI ULQJLPSOHPHQWDWLRQV DUHVKRZQ LQ
)LJXUH  ,Q )LJXUH $ % DQG & WKH JXDUG ULQJ LV
ELDVHG WR WKH FRPPRQ PRGH YROWDJH RI WKH DPSOLILHU
7KLV W\SH RI JXDUG ULQJ LV PRVW HIIHFWLYH IRU DSSOLFDWLRQV
ZKHUH WKH FRPPRQ PRGH YROWDJH RI WKH LQSXW VWDJH
FKDQJHV VXFK DV EXIIHUV QRQLQYHUWLQJ JDLQ DPSOLILHUV
RU LQVWUXPHQWDWLRQDPSOLILHUV
7KH VWUDWHJ\ VKRZQ LQ )LJXUH ' ELDVHV WKH FRPPRQ
PRGH YROWDJH DQG JXDUG ULQJ WR JURXQG 7KLV W\SH RI
JXDUG ULQJ LV W\SLFDOO\ XVHG LQ SUHFLVLRQ SKRWR VHQVLQJ
FLUFXLWV
9,/
+L=
W21
9,+
W2))
+L=
 Q$ W\S
 Q$ W\S
 P$ W\S
 P$ W\S
&6
2XWSXW
9'' 6XSSO\
&XUUHQW
,Q
*XDUG 5LQJ
,Q
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com