Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP606 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP606
Description  2.5V TO 5.5V MICROPOWER CMOS OP AMPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP606 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP606 Datasheet HTML 13Page - Microchip Technology MCP606 Datasheet HTML 14Page - Microchip Technology MCP606 Datasheet HTML 15Page - Microchip Technology MCP606 Datasheet HTML 16Page - Microchip Technology MCP606 Datasheet HTML 17Page - Microchip Technology MCP606 Datasheet HTML 18Page - Microchip Technology MCP606 Datasheet HTML 19Page - Microchip Technology MCP606 Datasheet HTML 20Page - Microchip Technology MCP606 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
  0LFURFKLS 7HFKQRORJ\ ,QF
'6& SDJH 
0&3
6RIWZDUH /LFHQVH $JUHHPHQW
7KH VRIWZDUH VXSSOLHG KHUHZLWK E\ 0LFURFKLS 7HFKQRORJ\ ,QFRUSRUDWHG WKH ³&RPSDQ\´ LV LQWHQGHG DQG VXSSOLHG WR \RX WKH &RP
SDQ\¶V FXVWRPHU IRU XVH VROHO\ DQG H[FOXVLYHO\ RQ 0LFURFKLS SURGXFWV
7KH VRIWZDUH LV RZQHG E\ WKH &RPSDQ\ DQGRU LWV VXSSOLHU DQG LV SURWHFWHG XQGHU DSSOLFDEOH FRS\ULJKW ODZV $OO ULJKWV DUH UHVHUYHG
$Q\ XVH LQ YLRODWLRQ RI WKH IRUHJRLQJ UHVWULFWLRQV PD\ VXEMHFW WKH XVHU WR FULPLQDO VDQFWLRQV XQGHU DSSOLFDEOH ODZV DV ZHOO DV WR FLYLO
OLDELOLW\ IRU WKH EUHDFK RI WKH WHUPV DQG FRQGLWLRQV RI WKLV OLFHQVH
7+,6 62)7:$5( ,6 3529,'(' ,1 $1 ³$6 ,6´ &21',7,21 12 :$55$17,(6 :+(7+(5 (;35(66 ,03/,(' 25 67$78
725< ,1&/8',1* %87 127 /,0,7(' 72 ,03/,(' :$55$17,(6 2) 0(5&+$17$%,/,7< $1' ),71(66 )25 $ 3$57,&8
/$5 385326( $33/< 72 7+,6 62)7:$5( 7+( &203$1< 6+$// 127 ,1 $1< &,5&8067$1&(6 %( /,$%/( )25
63(&,$/ ,1&,'(17$/ 25 &216(48(17,$/ '$0$*(6 )25 $1< 5($621 :+$762(9(5
.subckt mcp606 1 2 3 4 5
*
| | | | |
*
| | | | Output
*
| | | Negative supply
*
| | Positive Supply
*
| Inverting input
*
Non-inverting input
*
* Macromodel for MCP606 (single), MCP607 (dual), MCP608 (single w/CS), and MCP609 (quad)
*
* The characteristics of the MCP606, MCP607, MCP608, and MCP609 have the same fundamental
* performance and behavior. Consequently, this single op amp macromodel supports all four
* devices. However, the chip select function of the MCP608 is not modeled.
*
* Revision History:
*
REV A : 6-30-99
created
BCB
*
* This macromodel models typical amplifier offset voltage, DC power supply rejection, input
* capacitance, open loop gain over frequency, phase margin with 60pF load, output swing,
* power supply current, input voltage noise, slew rate.
*
* NOTICE: THE INFORMATION PROVIDED HEREIN IS BELIEVED TO BE RELIABLE,
* HOWEVER, MICROCHIP ASSUMES NO RESPONSIBILITY FOR INACCURACIES OR
* OMISSIONS.
MICROCHIP ASSUMES NO RESPONSIBILITY FOR THE USE OF THIS
* INFORMATION, AND ALL USE OF SUCH INFORMATION SHALL BE ENTIRELY AT
* THE USER'S OWN RISK. NO INTELLECTURAL PROPERTY RIGHTS OR LICENSES
* TO ANY OF THE TECNOLOGY DESCRIBED HEREIN ARE IMPLIED OR GRANTED TO
* ANY THIRD PARTY. MICROCHIP RESERVES THE RIGHT TO CHANGE THIS MODEL
* AT ANY TIME WITHOUT NOTICE.
*
*
*Input Stage, pole at 300kHz
M1
9
64
7
3
Ptype
M2
8
2
7
3
Ptype
CDIFF
1
2
3E-12
CCM1
1
4
6E-12
CCM2
2
4
6E-12
IDD
3
7
13.33e-6
RA
8
6
1.839e3
RB
9
6
1.839e3
CA
8
9
125e-12
ICOMP
3
4
-194.63e-6
*Input Stage Common-Mode Clampling
VCMM
4
6
0.35
ECM
55
4
3 64 1
RCM
57
56
1E3
DCMP
56
55
DY
VCMP
57
4
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com