Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP606 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP606
Description  2.5V TO 5.5V MICROPOWER CMOS OP AMPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP606 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP606 Datasheet HTML 10Page - Microchip Technology MCP606 Datasheet HTML 11Page - Microchip Technology MCP606 Datasheet HTML 12Page - Microchip Technology MCP606 Datasheet HTML 13Page - Microchip Technology MCP606 Datasheet HTML 14Page - Microchip Technology MCP606 Datasheet HTML 15Page - Microchip Technology MCP606 Datasheet HTML 16Page - Microchip Technology MCP606 Datasheet HTML 17Page - Microchip Technology MCP606 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
0&3
'6& SDJH 
  0LFURFKLS 7HFKQRORJ\ ,QF

7\SLFDO $SSOLFDWLRQV

/2: 6,'(%$77(5< &855(17 6(16,1*
7KH 0&3 DPSOLILHUV FDQ EH XVHG WR
VHQVH WKH RXWSXW FXUUHQW RQ WKH ORZ VLGH RI D EDWWHU\
XVLQJ WKH FLUFXLW LQ )LJXUH  ,Q WKLV FLUFXLW WKH FXU
UHQW IURP WKH SRZHU VXSSO\ PLQXV WKH FXUUHQW UHTXLUHG
WR SRZHU WKH 0&3 IORZV WKURXJK D WHQ RKP UHVLVWRU
IURP WKH UHVW RI WKH FLUFXLW LQ WKH V\VWHP 7KLV FXUUHQW LV
FRQYHUWHG WR D YROWDJH WKURXJK WKH VHQVH UHVLVWRU DQG
JDLQHGE\WKHUHVLVWRUVDURXQGWKHDPSOLILHU 6LQFHWKH
LQSXW ELDVFXUUHQWDQGRIIVHW YROWDJH RI WKH0&3LV
ORZ WKHUHLV YHU\OLWWOH HUURU JHQHUDWHG E\WKH DPSOLILHU
$GGLWLRQDOO\ WKHDPSOLILHU LV FDSDEOH RI VZLQJLQJ EHORZ
JURXQG DQG WKH TXLHVFHQW FXUUHQW LV YHU\ ORZ 7KHVH
IRXU VSHFLILFDWLRQV PDNH WKLV DPSOLILHU DSSURSULDWH IRU
WKLV W\SH RI FLUFXLW
),*85(  /RZ6LGH %DWWHU\ &XUUHQW 6HQVLQJ

35($03/,),(5 )253+272 '(7(&7,21
&,5&8,7
$Q\ DPSOLILHU IURP WKLV IDPLO\ RI RSHUDWLRQDO DPSOLILHUV
FDQ EHXVHGWR FRQYHUW DQ RXWSXW FXUUHQW VLJQDO IURP D
VHQVRU LQWR DYROWDJH$ VHQVRUWKDW ILWVWKLV GHVFULSWLRQ
LV D SKRWRGHWHFWRU DV VKRZQ LQ )LJXUH  7KLV W\SH RI
FLUFXLW LV LPSOHPHQWHG ZLWK D VLQJOH UHVLVWRU DQG DQ
RSWLRQDO FDSDFLWRU LQ WKH IHHGEDFN ORRS RI WKH DPSOLILHU
$VOLJKWLPSLQJHV RQWKHSKRWRGLRGH FKDUJHLVJHQHU
DWHG FDXVLQJ D FXUUHQW WR IORZ LQ WKH UHYHUVH ELDV GLUHF
WLRQ RI WKH SKRWRGHWHFWRU
7ZR FLUFXLWV DUH VKRZQ LQ )LJXUH  7KH WRS FLUFXLW LV
GHVLJQHG WR SURYLGHSUHFLVLRQ VHQVLQJ IURP WKH SKRWR
GHWHFWRU ,QWKLV FLUFXLW WKHYROWDJHDFURVVWKHGHWHFWRU
LV QHDUO\ ]HUR DQG HTXDO WR WKH RIIVHW YROWDJH RI WKH
DPSOLILHU :LWK WKLV FRQILJXUDWLRQ FXUUHQW WKDW DSSHDUV
DFURVV WKH UHVLVWRU 5 LV SULPDULO\ D UHVXOW RI WKH OLJKW
H[FLWDWLRQ RQ WKH SKRWRGHWHFWRU 7KH SKRWRVHQVLQJ FLU
FXLW RQ WKH ERWWRP RI )LJXUH  LV GHVLJQHG IRU KLJKHU
VSHHG VHQVLQJ 7KLV LV GRQH E\ UHYHUVH ELDVLQJ WKH
SKRWRGHWHFWRU ZKLFK UHGXFHV WKH SDUDVLWLF FDSDFLWDQFH
RI WKH GLRGH
7KH NH\ VSHFLILFDWLRQV WKDW LQIOXHQFH WKH DFFXUDF\ RI
WKHVH FLUFXLWV DUH ORZ RIIVHWYROWDJH ORZ LQSXWELDV FXU
UHQW KLJK LQSXW LPSHGDQFH DQG DQ LQSXW FRPPRQ PRGH
UDQJH EHORZ JURXQG 7KH ORZ LQSXW RIIVHW YROWDJH DQG
ORZ LQSXW ELDV FXUUHQW SURYLGH DQ HQYLURQPHQW ZKHUH
WKHUH LV PLQLPDO YROWDJH SODFHG DFURVV WKH SKRWRGHWHF
WRU FRQVHTXHQWO\ WKH OLQHDULW\ RI WKH SKRWRGHWHFWRU LV
QRW FRPSURPLVHG *LYHQ WKDW WKH 0&3
 DPSOLILHUV DUH VSHFLILHG IRU D“ µ9 PD[ RIIVHW
YROWDJH DQG LQSXW ELDV FXUUHQWV LQ WKH SLFR DPSHUH
UHJLRQ WKH\ DUH LGHDO IRU WKHVH FLUFXLWV $GGLWLRQDOO\
WKHVH WZR FLUFXLWV ZLOO RQO\ ZRUN LI WKH FRPPRQ PRGH
UDQJH RI WKHDPSOLILHULQFOXGHV ]HUR ZKLFK LV WKHFDVH
ZLWK WKH 0&3 DPSOLILHUV
),*85(  3UH$PSOLILHU IRU 3KRWR 'HWHFWLRQ
&LUFXLW
9''
966
 NΩ
7R ORDG
 WR
966
9''
NΩ
 Ω
5,1
5)
0&3
,/2$'56(16(

5)
5,1
9
&
5
9''
'
/LJKW
,'
0&3
9287
5
'
/LJKW
,'
0&3
9287
9 &% 5 ,
%\SDVV &DSDFLWRU —)
9%,$6
&
9''



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com