Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP606 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP606
Description  2.5V TO 5.5V MICROPOWER CMOS OP AMPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP606 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP606 Datasheet HTML 9Page - Microchip Technology MCP606 Datasheet HTML 10Page - Microchip Technology MCP606 Datasheet HTML 11Page - Microchip Technology MCP606 Datasheet HTML 12Page - Microchip Technology MCP606 Datasheet HTML 13Page - Microchip Technology MCP606 Datasheet HTML 14Page - Microchip Technology MCP606 Datasheet HTML 15Page - Microchip Technology MCP606 Datasheet HTML 16Page - Microchip Technology MCP606 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
  0LFURFKLS 7HFKQRORJ\ ,QF
'6& SDJH 
0&3
),*85(  ([DPSOHV RI KRZ WR GHVLJQ 3& %RDUG
WUDFHV WR PLQLPL]H OHDNDJH SDWKV WR WKH KLJK
LPSHGDQFH LQSXW SLQV RI WKH 0&3
DPSOLILHUV

6,*1$/ &283/,1*
7KH LQSXW SLQV RI WKH 0&3 DPSOLILHUV
KDYH D KLJK LPSHGDQFH SURYLGLQJ DQ RSSRUWXQLW\ IRU
QRLVH LQMHFWLRQ LI OD\RXW LVVXHV DUH QRW FRQVLGHUHG
7KHVH KLJK LPSHGDQFHLQSXWWHUPLQDOVDUHVHQVLWLYHWR
LQMHFWHG FXUUHQWV 7KLV FDQ RFFXU LI WKH WUDFH IURP D KLJK
LPSHGDQFH LQSXW LV QH[W WR D WUDFH WKDW KDV IDVW FKDQJ
LQJ YROWDJHV VXFKDV DGLJLWDO RU FORFN VLJQDO :KHQ D
KLJK LPSHGDQFH WUDFH LV LQ FORVH SUR[LPLW\ WR D WUDFH
ZLWK WKHVHW\SHV RI YROWDJHFKDQJHV FKDUJHLVFDSDFL
WLYHO\ FRXSOHG LQWR WKH KLJK LPSHGDQFH WUDFH
),*85(  &DSDFLWRUV FDQ EH EXLOW ZLWK 3&%
WUDFHV DOORZLQJ IRU FRXSOLQJ RI VLJQDOV IURP RQH WUDFH
WR DQRWKHU
$V VKRZQ LQ )LJXUH  WKH YDOXH RI WKH FDSDFLWDQFH
EHWZHHQ WZR WUDFHV LV SULPDULO\ GHSHQGHQW RQ WKH GLV
WDQFH GEHWZHHQWKHWUDFHVDQG WKH GLVWDQFHWKDW WKH
WZR WUDFHV DUH LQ SDUDOOHO /  )URP WKLV PRGHO WKH
DPRXQW RI FXUUHQW JHQHUDWHG LQWR WKH KLJK LPSHGDQFH
WUDFH LV HTXDO WR
ZKHUH
, HTXDOV WKH FXUUHQW WKDW DSSHDUV RQ WKH KLJK
LPSHGDQFH WUDFH
& HTXDOV WKH YDOXH RI FDSDFLWDQFH EHWZHHQ WKH WZR
3&%WUDFHV
∂9 HTXDOV WKH FKDQJH LQ YROWDJH RI WKH WUDFH WKDW LV
VZLWFKLQJ
∂W HTXDOV WKH DPRXQW RI WLPH WKDW WKH YROWDJH
FKDQJHWRRN WR JHW IURP RQH OHYHO WR WKHQH[W
)LJXUH $
)LJXUH %
)LJXUH &
)LJXUH '
0&3;

0&3;

0&3;
9ROWDJH
5HIHUHQFH
FRXOG EH JURXQG

0&3;
9''

3&% 7UDFH
Z
W\S PP
3&%
&URVV 6HFWLRQ
5
/
/
&
Z/εεU
G

Z WKLFNQHVV RI 3&% WUDFH
/ OHQJWK RI3&% WUDFH
G GLVWDQFH EHWZHHQ WKH WZR 3&% WUDFHV
,&∂9
∂W




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com