Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6541 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6541
Description  Push-Pull Output Sub-Microamp Comparators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6541 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6541 Datasheet HTML 1Page - Microchip Technology MCP6541 Datasheet HTML 2Page - Microchip Technology MCP6541 Datasheet HTML 3Page - Microchip Technology MCP6541 Datasheet HTML 4Page - Microchip Technology MCP6541 Datasheet HTML 5Page - Microchip Technology MCP6541 Datasheet HTML 6Page - Microchip Technology MCP6541 Datasheet HTML 7Page - Microchip Technology MCP6541 Datasheet HTML 8Page - Microchip Technology MCP6541 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
 2003 Microchip Technology Inc.
DS21696C-page 3
MCP6541/2/3/4
AC CHARACTERISTICS
SPECIFICATIONS FOR MCP6543 CHIP-SELECT
FIGURE 1-1:
Timing Diagram for the CS
Pin on the MCP6543.
FIGURE 1-2:
Propagation Delay Timing
Diagram.
Electrical Specifications: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2,
Step = 200 mV, Overdrive = 100 mV, and CL = 36 pF (Refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Rise Time
tR
—0.85
—
µs
Fall Time
tF
—0.85
—
µs
Propagation Delay (High-to-Low)
tPHL
—4
8
µs
Propagation Delay (Low-to-High)
tPLH
—4
8
µs
Propagation Delay Skew
tPDS
—±0.2
—
µs
(Note 1)
Maximum Toggle Frequency
fMAX
—
160
—
kHz
VDD = 1.6V
fMAX
—
120
—
kHz
VDD = 5.5V
Input Noise Voltage
EN
—
200
—
µVP-P 10 Hz to 100 kHz
Note 1:
Propagation Delay Skew is defined as: tPDS = tPLH - tPHL.
Electrical Specifications: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = +25°C, V N+ = VDD/2, VIN– = VSS,
and CL= 36 pF (Refer to Figures 1-1 and 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
CS Low Specifications
CS Logic Threshold, Low
VIL
VSS
—0.2V
DD
V
CS Input Current, Low
ICSL
—5.0
—
pA
CS = V
SS
CS High Specifications
CS Logic Threshold, High
VIH
0.8VDD
—VDD
V
CS Input Current, High
ICSH
—1
—
pA
CS = VDD
CS Input High, VDD Current
IDD
—18
—
pA
CS = VDD
CS Input High, GND Current
ISS
—-20
—
pA
CS = VDD
Comparator Output Leakage
IO(LEAK)
—1
—
pA
VOUT = VDD
CS Dynamic Specifications
CS Low to Comparator Output Low
Turn-on Time
tON
—2
50
ms
CS = 0.2 VDD to VOUT = VDD/2,
VIN– = VDD
CS High to Comparator Output
High Z Turn-off Time
tOFF
—10
—
µs
CS = 0.8 VDD to VOUT = VDD/2,
VIN– = VDD
CS Hysteresis
VCS_HYST
—0.6
—
V
VDD = 5V
VIL
Hi-Z
tON
VIH
CS
tOFF
VOUT
-20 pA, typ.
Hi-Z
ISS
ICS
1 pA, typ.
1pA, typ.
-20 pA, typ.
-0.6 µA, typ.
VOL
tPLH
VOUT
VIN–
100 mV
100 mV
tPHL
VOL
VIN+ = VDD/2
VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com