Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6541 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6541
Description  Push-Pull Output Sub-Microamp Comparators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6541 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6541 Datasheet HTML 1Page - Microchip Technology MCP6541 Datasheet HTML 2Page - Microchip Technology MCP6541 Datasheet HTML 3Page - Microchip Technology MCP6541 Datasheet HTML 4Page - Microchip Technology MCP6541 Datasheet HTML 5Page - Microchip Technology MCP6541 Datasheet HTML 6Page - Microchip Technology MCP6541 Datasheet HTML 7Page - Microchip Technology MCP6541 Datasheet HTML 8Page - Microchip Technology MCP6541 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2003 Microchip Technology Inc.
DS21696C-page 1
M
MCP6541/2/3/4
Features
• Low Quiescent Current: 600 nA/comparator (typ.)
• Rail-to-Rail Input: VSS - 0.3V to VDD + 0.3V
• CMOS/TTL-Compatible Output
• Propagation Delay 4 µs (typ
.)
• Wide Supply Voltage Range: 1.6V to 5.5V
• Available in Single, Dual and Quad
• Single available in SOT-23-5, SC-70-5 packages
• Chip Select (CS) with MCP6543
• Low Switching Current
• Internal Hysteresis: 3.3 mV (typ
.)
• Industrial Temperature: -40°C to +85°C
Typical Applications
• Laptop Computers
• Mobile Phones
• Metering Systems
• Hand-held Electronics
• RC Timers
• Alarm and Monitoring Circuits
• Windowed Comparators
• Multi-vibrators
Related Devices
• Open-Drain Output: MCP6546/7/8/9
Description
The Microchip Technology Inc. MCP6541/2/3/4 family
of comparators is offered in single (MCP6541), single
with chip select (MCP6543), dual (MCP6542) and quad
(MCP6544) configurations. The outputs are push-pull
(CMOS/TTL-compatible) and are capable of driving
heavy DC or capacitive loads.
These comparators are optimized for low power, single-
supply operation with greater than rail-to-rail input
operation. The push-pull output of the MCP6541/2/3/4
family supports rail-to-rail output swing and interfaces
with TTL/CMOS logic. The internal input hysteresis
eliminates output switching due to internal input noise
voltage, reducing current draw. The output limits supply
current surges and dynamic power consumption while
switching. This product family operates with a single-
supply voltage as low as 1.6V and draws less than 1 µA/
comparator of quiescent current.
The related MCP6546/7/8/9 family of comparators from
Microchip has an open-drain output. Used with a pull-up
resistor, these devices can be used as level-shifters for
any desired voltage up to 10V and in wired-OR logic.
Package Types
VIN+
VIN–
MCP6541
VSS
VDD
OUT
1
2
3
4
8
7
6
5
-
+
NC
NC
NC
PDIP, SOIC, MSOP
4
1
2
3
5
SOT-23-5
VDD
OUT
VIN+
VSS
VIN–
MCP6541-R
MCP6542
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
-
OUTA
+ -
+
VDD
OUTB
VINB–
VINB+
VIN+
VIN–
MCP6543
VSS
VDD
OUT
1
2
3
4
8
7
6
5
-
+
NC
CS
NC
PDIP, SOIC, MSOP
PDIP, SOIC, MSOP
MCP6544
VINA+
VINA–
VSS
1
2
3
4
14
13
12
11
-
OUTA
+ -
+
VDD
OUTD
VIND–
VIND+
10
9
8
5
6
7
OUTB
VINB–
VINB+
VINC+
VINC–
OUTC
+
-
-
+
PDIP, SOIC, TSSOP
4
1
2
3
5
SOT-23-5, SC-70-5
VSS
OUT
VIN+
VDD
VIN–
MCP6541
-
+
Push-Pull Output Sub-Microamp Comparators


Similar Part No. - MCP6541

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6541-E/LT MICROCHIP-MCP6541-E/LT Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
2006
MCP6541-E/MF MICROCHIP-MCP6541-E/MF Datasheet
415Kb / 40P
LIN Transceiver with Voltage Regulator
2007
MCP6541-E/MS MICROCHIP-MCP6541-E/MS Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
2006
MCP6541-E/OT MICROCHIP-MCP6541-E/OT Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
2006
MCP6541-E/P MICROCHIP-MCP6541-E/P Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
2006
More results

Similar Description - MCP6541

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6549 MICROCHIP-MCP6549 Datasheet
625Kb / 28P
Open-Drain Output Sub-Microamp Comparators
2003
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
2006
MCP6546 MICROCHIP-MCP6546_06 Datasheet
1Mb / 32P
Open-Drain Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
Push-Pull Output Sub-Microamp Comparators
2011
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
logo
Microchip Technology
MCP6546 MICROCHIP-MCP6546_12 Datasheet
1Mb / 44P
Open-Drain Output Sub-Microamp Comparators
11/29/11
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
08/29/06
logo
Texas Instruments
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
40-ns, microPOWER, Push-Pull Output Comparators
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com