Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6541 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6541
Description  Push-Pull Output Sub-Microamp Comparators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6541 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6541 Datasheet HTML 7Page - Microchip Technology MCP6541 Datasheet HTML 8Page - Microchip Technology MCP6541 Datasheet HTML 9Page - Microchip Technology MCP6541 Datasheet HTML 10Page - Microchip Technology MCP6541 Datasheet HTML 11Page - Microchip Technology MCP6541 Datasheet HTML 12Page - Microchip Technology MCP6541 Datasheet HTML 13Page - Microchip Technology MCP6541 Datasheet HTML 14Page - Microchip Technology MCP6541 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2003 Microchip Technology Inc.
DS21696C-page 11
MCP6541/2/3/4
3.0
APPLICATIONS INFORMATION
The MCP6541/2/3/4 family of push-pull output compar-
ators are fabricated on Microchip’s state-of-the-art
CMOS process. They are suitable for a wide range of
applications requiring very low power consumption.
3.1
Comparator Inputs
The MCP6541/2/3/4 comparator family uses CMOS
transistors at the input. They are designed to prevent
phase inversion when the input pins exceed the supply
voltages. Figure 2-31
shows an input voltage
exceeding both supplies with no resulting phase
inversion.
The input stage of this family of devices uses two
differential input stages in parallel: one operates at low
input voltages and the other at high input voltages. With
this topology, the input voltage is 0.3V above VDD and
0.3V below VSS. Therefore, the input offset voltage is
measured at both VSS - 0.3V and VDD + 0.3V to ensure
proper operation.
The maximum operating input voltages that can be
applied are VSS - 0.3V and VDD + 0.3V. Voltages on the
inputs that exceed this absolute maximum rating can
cause excessive current to flow and permanently
damage the device. In applications where the input pin
exceeds the specified range, external resistors can be
used to limit the current below ±2 mA, as shown in
Figure 3-1.
FIGURE 3-1:
An input resistor (RIN)
should be used to limit excessive input current if
either of the inputs exceeds the Absolute
Maximum specification.
3.2
Push-Pull Output
The push-pull output is designed to be compatible with
CMOS and TTL logic, while the output transistors are
configured to give rail-to-rail output performance. They
are driven with circuitry that minimizes any switching
current (shoot-through current from supply-to-supply)
when the output is transitioned from high-to-low, or from
low-to-high (see Figures 2-15, 2-17, 2-32 through 2-36
for more information).
3.3
MCP6543 Chip Select (CS)
The MCP6543 is a single comparator with chip select
(CS). When CS is pulled high, the total current
consumption drops to 20 pA (typ); 1 pA (typ) flows
through the CS pin, 1 pA (typ) flows through the output
pin and 18 pA (typ) flows through the VDD pin, as
shown in Figure 1-1. When this happens, the
comparator output is put into a high-impedance state.
By pulling CS low, the comparator is enabled. If the CS
pin is left floating, the comparator will not operate
properly. Figure 1-1 shows the output voltage and
supply current response to a CS pulse.
The internal CS circuitry is designed to minimize
glitches when cycling the CS pin. This helps conserve
power, which is especially important in battery-
powered applications.
3.4
Externally-Set Hysteresis
Greater flexibility in selecting hysteresis (or input trip
points) is achieved by using external resistors.
Input offset voltage (VOS) is the center (average) of the
(input-referred) low-high and high-low trip points. Input
hysteresis voltage (VHYST) is the difference between
the same trip points. Hysteresis reduces output
chattering when one input is slowly moving past the
other and thus reduces dynamic supply current. It also
helps in systems where it is best not to cycle between
states too frequently (e.g., air conditioner thermostatic
control). The MCP6541/2/3/4 family has internally-set
hysteresis that is small enough to maintain input offset
accuracy (<7 mV) and large enough to eliminate output
chattering caused by the comparator’s own input noise
voltage (200 µVp-p).
FIGURE 3-2:
The MCP6541/2/3/4
comparators’ internal hysteresis eliminates
output chatter caused by input noise voltage.
RIN
VSS Minimum expected VIN
()
–
2 mA
------------------------------------------------------------------------------
≥
RIN
Maximum expected VIN
() VDD
–
2 mA
----------------------------------------------------------------------------------
≥
VIN
RIN
VOUT
MCP654X
0
1
2
3
4
5
Time (100 ms/div)
VOUT
VIN–
Hysteresis
VDD = 5.0V
VIN+ = +2.75V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com