Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6541 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6541
Description  Push-Pull Output Sub-Microamp Comparators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6541 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6541 Datasheet HTML 6Page - Microchip Technology MCP6541 Datasheet HTML 7Page - Microchip Technology MCP6541 Datasheet HTML 8Page - Microchip Technology MCP6541 Datasheet HTML 9Page - Microchip Technology MCP6541 Datasheet HTML 10Page - Microchip Technology MCP6541 Datasheet HTML 11Page - Microchip Technology MCP6541 Datasheet HTML 12Page - Microchip Technology MCP6541 Datasheet HTML 13Page - Microchip Technology MCP6541 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MCP6541/2/3/4
DS21696C-page 10
 2003 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 100 kΩ to VDD/2, and CL = 36 pF.
FIGURE 2-31:
The MCP6541/2/3/4
comparators show no phase reversal.
FIGURE 2-32:
Supply Current (shoot
through current) vs. Chip-Select (CS) Voltage at
VDD = 1.6V (MCP6543 only).
FIGURE 2-33:
Supply Current (charging
current) vs. Chip-Select (CS) pulse at
VDD = 1.6V (MCP6543 only).
FIGURE 2-34:
Chip-Select (CS) Step
Response (MCP6543 only).
FIGURE 2-35:
Supply Current (shoot
through current) vs. Chip-Select (CS) Voltage at
VDD = 5.5V (MCP6543 only).
FIGURE 2-36:
Supply Current (charging
current) vs. Chip-Select (CS) pulse at
VDD = 5.5V (MCP6543 only).
-1
0
1
2
3
4
5
6
7
0
1234
5
6789
10
Time (1 ms/div)
VOUT
VIN–
VDD = 5.5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Chip Select (CS) Voltage (V)
Comparator
Shuts Off Here
Comparator
Turns On Here
100µ
10p
100p
1n
10n
100n
1µ
VDD = 1.6V
CS Hysteresis
CS High-to-Low
CS Low-to-High
10µ
0
5
10
15
20
Time (1 ms/div)
0.0
1.6
Start-up IDD
Charging output
capacitance
VDD = 1.6V
VOUT
CS
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
01
2345678
9
10
Time (ms)
VOUT
CS
VDD = 5.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Chip Select (CS) Voltage (V)
Comparator
Shuts Off Here
Comparator
Turns On Here
VDD = 5.5V
100µ
1µ
10µ
100n
1n
10n
100p
10p
CS High-to-Low
CS Low-to-High
CS Hysteresis
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Time (0.5 ms/div)
0
3
6
Start-up IDD
Charging output
capacitance
VDD = 5.5V
VOUT
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com