Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6541 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6541
Description  Push-Pull Output Sub-Microamp Comparators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6541 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6541 Datasheet HTML 5Page - Microchip Technology MCP6541 Datasheet HTML 6Page - Microchip Technology MCP6541 Datasheet HTML 7Page - Microchip Technology MCP6541 Datasheet HTML 8Page - Microchip Technology MCP6541 Datasheet HTML 9Page - Microchip Technology MCP6541 Datasheet HTML 10Page - Microchip Technology MCP6541 Datasheet HTML 11Page - Microchip Technology MCP6541 Datasheet HTML 12Page - Microchip Technology MCP6541 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
 2003 Microchip Technology Inc.
DS21696C-page 9
MCP6541/2/3/4
Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 100 kΩ to VDD/2, and CL = 36 pF.
FIGURE 2-25:
Propagation Delay vs.
Power Supply Voltage.
FIGURE 2-26:
Propagation Delay vs.
Common Mode Input Voltage at VDD = 1.6V.
FIGURE 2-27:
Propagation Delay vs. Load
Capacitance.
FIGURE 2-28:
Propagation Delay vs. Input
Overdrive.
FIGURE 2-29:
Propagation Delay vs.
Common Mode Input Voltage at VDD = 5.5V.
FIGURE 2-30:
Supply Current vs. Toggle
Frequency.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Power Supply Voltage (V)
VCM = VDD/2
tPLH @ 100 mV Overdrive
tPHL @ 100 mV Overdrive
tPLH @ 10 mV Overdrive
tPHL @ 10 mV Overdrive
0
1
2
3
4
5
6
7
8
Common Mode Input Voltage (V)
VDD = 1.6V
100 mV Overdrive
tPLH
tPHL
0
5
10
15
20
25
30
35
40
45
50
0
10203040506070
8090
Load Capacitance (nF)
100 mV Overdrive
VCM = VDD/2
tPHL @ VDD = 1.6V
tPLH @ VDD = 1.6V
tPHL @ VDD = 5.5V
tPLH @ VDD = 5.5V
1
10
100
1
10
100
1000
Input Overdrive (mV)
VCM = VDD/2
tPLH @ VDD = 1.6V
tPHL @ VDD = 1.6V
tPLH @ VDD = 5.5V
tPHL @ VDD = 5.5V
0
1
2
3
4
5
6
7
8
Common Mode Input Voltage (V)
VDD = 5.5V
100 mV Overdrive
tPHL
tPLH
0.1
1
10
0.1
1
10
100
Toggle Frequency (kHz)
VDD = 5.5 V
VDD = 1.6 V
100 mV Overdrive
VCM = VDD/2
RL = Infinity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com