Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3DV520A Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST3DV520A
Description  High bandwidth switch with 20- to 10-bit MUX/DEMUX
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3DV520A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST3DV520A Datasheet HTML 2Page - STMicroelectronics ST3DV520A Datasheet HTML 3Page - STMicroelectronics ST3DV520A Datasheet HTML 4Page - STMicroelectronics ST3DV520A Datasheet HTML 5Page - STMicroelectronics ST3DV520A Datasheet HTML 6Page - STMicroelectronics ST3DV520A Datasheet HTML 7Page - STMicroelectronics ST3DV520A Datasheet HTML 8Page - STMicroelectronics ST3DV520A Datasheet HTML 9Page - STMicroelectronics ST3DV520A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Maximum ratings
ST3DV520A
6/21
Doc ID 16885 Rev 4
3
Maximum ratings
Stressing the device above the rating listed in Table 4: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in Table 5: Recommended
operating conditions of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Recommended operating conditions
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage to ground
-0.5 to 4.6
V
VIO
DC input output voltage
-0.5 to 4.6
V
VIC
DC control input voltage
-0.5 to 4.6
V
IO
DC output current(1)
1.
If VIO x IO does not exceed the maximum limit of PD.
120
mA
PD
Power dissipation
0.5
W
Tstg
Storage temperature
-65 to 150
°C
TL
Lead temperature (10 sec.)
300
°C
Table 5.
Recommended operating conditions
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
VCC
Supply voltage to ground
3
–
3.6
V
VIC
DC control input voltage (SEL)
0
–
5
V
VIO
DC input/output voltage
0
–
VCC
V
TA
Operating temperature
-40
–
85
°C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com