Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3DV520A Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST3DV520A
Description  High bandwidth switch with 20- to 10-bit MUX/DEMUX
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3DV520A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST3DV520A Datasheet HTML 10Page - STMicroelectronics ST3DV520A Datasheet HTML 11Page - STMicroelectronics ST3DV520A Datasheet HTML 12Page - STMicroelectronics ST3DV520A Datasheet HTML 13Page - STMicroelectronics ST3DV520A Datasheet HTML 14Page - STMicroelectronics ST3DV520A Datasheet HTML 15Page - STMicroelectronics ST3DV520A Datasheet HTML 16Page - STMicroelectronics ST3DV520A Datasheet HTML 17Page - STMicroelectronics ST3DV520A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Electrical characteristics
ST3DV520A
14/21
Doc ID 16885 Rev 4
Figure 9.
Test circuit for crosstalk measurement (xtalk)
1.
CL includes probe and jig capacitance.
2.
A 50
Ω termination resistor is needed to match the loading of the network analyzer.
Crosstalk is measured at the output of the non-adjacent ON channel. For example, when
VSEL = 0, and B is the input, the output is measured at D. All unused analog input ports are
connected to GND and output ports are left open.
HP8753ES setup:
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBm
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com