Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3DV520A Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST3DV520A
Description  High bandwidth switch with 20- to 10-bit MUX/DEMUX
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3DV520A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST3DV520A Datasheet HTML 5Page - STMicroelectronics ST3DV520A Datasheet HTML 6Page - STMicroelectronics ST3DV520A Datasheet HTML 7Page - STMicroelectronics ST3DV520A Datasheet HTML 8Page - STMicroelectronics ST3DV520A Datasheet HTML 9Page - STMicroelectronics ST3DV520A Datasheet HTML 10Page - STMicroelectronics ST3DV520A Datasheet HTML 11Page - STMicroelectronics ST3DV520A Datasheet HTML 12Page - STMicroelectronics ST3DV520A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ST3DV520A
Electrical characteristics
Doc ID 16885 Rev 4
9/21
Table 10.
Switching characteristics (TA = 25 °C, VCC = 3.3 V ±10%)
Table 11.
ESD performance
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ.
Max.
tPD
Propagation delay
VCC = 3 to 3.6 V
–
0.25
–
ns
tPZH,
tPZL
Line enable time, SE to
x to x0 or x to x1
VCC = 3 to 3.6 V
0.5
6.5
15
ns
tPHZ,
tPLZ
Line disable time, SE to
x to x0 or x to x1
VCC = 3 to 3.6 V
0.5
6.5
8.5
ns
tSK(O)
Output skew between
center port to any other
port
VCC = 3 to 3.6 V
–
0.1
0.2
ns
tSK(P)
Skew between opposite
transition of the same
output (tPHL, tPLH)
VCC = 3 to 3.6 V
–
0.1
0.2
ns
Symbol
Test condition
Value
Unit
Min.
Typ.
Max.
ESD
Contact discharge(1)
IEC61000-4-2
1.
Refer to Figure 3: Diagram for suggested VCC decoupling on page 10.
–±8
–
kV
Human body model
(MIL-STD-883)
–±15–kV
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com