Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3DV520A Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3DV520A
Description  High bandwidth switch with 20- to 10-bit MUX/DEMUX
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3DV520A Datasheet(HTML) 1 Page - STMicroelectronics

  ST3DV520A Datasheet HTML 1Page - STMicroelectronics ST3DV520A Datasheet HTML 2Page - STMicroelectronics ST3DV520A Datasheet HTML 3Page - STMicroelectronics ST3DV520A Datasheet HTML 4Page - STMicroelectronics ST3DV520A Datasheet HTML 5Page - STMicroelectronics ST3DV520A Datasheet HTML 6Page - STMicroelectronics ST3DV520A Datasheet HTML 7Page - STMicroelectronics ST3DV520A Datasheet HTML 8Page - STMicroelectronics ST3DV520A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
January 2013
Doc ID 16885 Rev 4
1/21
21
ST3DV520A
High bandwidth switch with 20- to 10-bit MUX/DEMUX
Datasheet - production data
Features
■ Low RON: 4.0 Ω typical
■ VCC operating range: 3.0 to 3.6 V
■ Enhanced ESD protection: > 8 kV (contact) and
15 kV (HBM)
■ Channel on capacitance: 9.5 pF typical
■ Switching time speed: 9 ns
■ Near to zero propagation delay: 250 ps
■ Very low crosstalk: -45 dB at 250 MHz
■ Bit-to-bit skew: 200 ps
■ > 600 MHz -3 dB typical bandwidth (or data
frequency)
■ Package: QFN56
Table 1.
Device summary
Order code
Package
Packing
ST3DV520AQTR
QFN56
Tape and reel
QFN56
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - ST3DV520A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3DV520 STMICROELECTRONICS-ST3DV520 Datasheet
257Kb / 10P
High bandwidth analog switch with 16-to-8 bit MUX/DEMUX
09-Oct-2008
ST3DV520E STMICROELECTRONICS-ST3DV520E Datasheet
427Kb / 19P
MUX/DEMUX for 4 differential channel LVDS and DDC
08-Dec-2010
ST3DV520EQTR STMICROELECTRONICS-ST3DV520EQTR Datasheet
427Kb / 19P
MUX/DEMUX for 4 differential channel LVDS and DDC
08-Dec-2010
ST3DV520QTR STMICROELECTRONICS-ST3DV520QTR Datasheet
257Kb / 10P
High bandwidth analog switch with 16-to-8 bit MUX/DEMUX
09-Oct-2008
More results

Similar Description - ST3DV520A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C32160 PERICOM-PI3C32160 Datasheet
284Kb / 4P
3.3V, High Bandwidth,16:32-Bit, PCI Hot-Plug Mux/Demux Bus Switch
PI3C16226 PERICOM-PI3C16226 Datasheet
359Kb / 4P
3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
PI3C16225 PERICOM-PI3C16225 Datasheet
310Kb / 4P
3.3V, High Bandwidth, Low Capacitance 12-Bit to 24-Bit Mux/Demux Bus Switch (16292 Pinout)
PI3B4010 PERICOM-PI3B4010 Datasheet
219Kb / 6P
3.3V, High-Bandwidth, 40:10-Bit DDR Mux/Demux NanoSwitch
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A Datasheet
559Kb / 6P
High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
STMicroelectronics
ST3DV520 STMICROELECTRONICS-ST3DV520 Datasheet
257Kb / 10P
High bandwidth analog switch with 16-to-8 bit MUX/DEMUX
09-Oct-2008
logo
M/A-COM Technology Solu...
M20001-BRF-001-A MA-COM-M20001-BRF-001-A Datasheet
193Kb / 2P
High Bandwidth Dual 2:1 Mux/DeMux Passive Switch
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A_14 Datasheet
1Mb / 6P
High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
M/A-COM Technology Solu...
M20001-BRF-001-A MA-COM-M20001-BRF-001-A_15 Datasheet
193Kb / 2P
High Bandwidth Dual 2:1 Mux/DeMux Passive Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com