Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3DV520A Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST3DV520A
Description  High bandwidth switch with 20- to 10-bit MUX/DEMUX
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3DV520A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST3DV520A Datasheet HTML 3Page - STMicroelectronics ST3DV520A Datasheet HTML 4Page - STMicroelectronics ST3DV520A Datasheet HTML 5Page - STMicroelectronics ST3DV520A Datasheet HTML 6Page - STMicroelectronics ST3DV520A Datasheet HTML 7Page - STMicroelectronics ST3DV520A Datasheet HTML 8Page - STMicroelectronics ST3DV520A Datasheet HTML 9Page - STMicroelectronics ST3DV520A Datasheet HTML 10Page - STMicroelectronics ST3DV520A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ST3DV520A
Electrical characteristics
Doc ID 16885 Rev 4
7/21
4
Electrical characteristics
Table 6.
DC electrical characteristics (VCC = 3.3 V ±10%)
Symbol
Parameter
Test condition
Value
Unit
-40 to 85 °C
Min.
Typ.
Max.
VIH
Voltage input high (SEL)
High level guaranteed
2
–
–
V
VIL
Voltage input low (SEL)
Low level guaranteed
-0.5
–
0.8
V
VIK
Clamp diode voltage (SEL)
VCC = 3.6 V
IIN = -18 mA
–-0.8
-1.2
V
IIH
Input high current (SEL)
VCC = 3.6 V
VIN = VCC
––
±5
µA
IIL
Input low current (SEL)
VCC = 3.6 V
VIN = GND
––
±5
µA
IOFF(SW)
(1)
Leakage current through the switch
common terminals (A to J)
VCC = 3.6 V
A to J = VCC
LED1 to LED3 = VCC
A0 to J0 = 0 V
A1 to J1 = floating
SEL = VCC
––
±1
µA
IOFF(SEL)
SEL pin leakage current
VCC = 0 V
SEL = 0 to 3.6 V
––
±1
µA
RON
Switch ON resistance(2)
VCC = 3.0 V
VIN = 1.5 to VCC
IIN = -40 mA
–4.0
6.5
Ω
RFLAT
ON resistance flatness (2),(3)
VCC = 3.0 V
VIN at 1.5 and VCC
IIN = -40 mA
–0.5
–
Ω
ΔR
ON
ON resistance match between
channel
ΔR
ON = RONMAX-RONMIN
(2),(4)
VCC = 3.0 V
VIN = 1.5 to VCC
IIN = -40 mA
–0.4
1
Ω
1.
Refer to Figure 4: Test circuit for leakage current (IOFF) on page 11.
2.
Measured by voltage drop between channels at indicated current through the switch. ON resistance is determined by the
lower of the voltages.
3.
Flatness is defined as the difference between the RONMAX and RONMIN of ON resistance over the specified range.
4.
ΔR
ON measured at same VCC, temperature and voltage level.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com