Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034HC Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST8034HC
Description  24-pin smartcard interfaces
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034HC Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST8034HC Datasheet HTML 8Page - STMicroelectronics ST8034HC Datasheet HTML 9Page - STMicroelectronics ST8034HC Datasheet HTML 10Page - STMicroelectronics ST8034HC Datasheet HTML 11Page - STMicroelectronics ST8034HC Datasheet HTML 12Page - STMicroelectronics ST8034HC Datasheet HTML 13Page - STMicroelectronics ST8034HC Datasheet HTML 14Page - STMicroelectronics ST8034HC Datasheet HTML 15Page - STMicroelectronics ST8034HC Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Electrical characteristics
ST8034HN, ST8034HC
12/31
DocID024511 Rev 2
VCC(SHDN)
VCC output voltage in
shutdown mode
No load
-0.1
0.1
V
ICC = 1 mA
-0.1
0.3
ICC(SHDN)
VCC output current in
shutdown mode
VCC connected to GND
-1
mA
Device supply voltages monitoring
VTH
Falling supply voltage
threshold
VDD pin
2.3
2.4
2.5
V
VDDP pin (VCC = 5 V)
3.0
4.1
4.4
VDDP pin (VCC = 3 V or 1.8 V)
2.3
2.4
2.5
PORADJ pin
1.20
1.24
1.29
VHYS
Hysteresis on supply
voltage threshold
VDD pin
50
100
150
mV
VDDP pin (VCC = 5 V)
100
200
350
VDDP pin (VCC = 3 V or 1.8 V)
50
100
150
PORADJ pin
10
20
30
II(PORADJ) Input current, PORADJ pin
-1
1
A
tW
Power-on or undervoltage
reset pulse width (minimum)
5.1
8
10.2
ms
1. TA = 25 °C, VDD = 3.3 V, VDDP = 5 V, VDD(INTF) = 3.3 V, fXTAL = 10 MHz, unless otherwise noted.
2. The device can operate at VDD supply voltage up to 5.5 V, however the specified parameters (mainly related to current
consumption) are guaranteed in the basic VDD range 2.7 to 3.6 V.
3. The device can operate at VDD(INTF) supply voltage up to 5.5 V, however the specified parameters (mainly related to current
consumption and input currents) are guaranteed in the basic VDD(INTF) range 1.6 to 3.6 V.
4. Two low ESR (< 350 m
) ceramic capacitors for VCC decoupling recommended: 100 nF ± 20% (up to 330 nF ± 20%) close
to the ST8034 and 100 nF ± 20% (up to 330 nF ± 20%) close to the card.
5. These current pulses are filtered by the decoupling capacitors on the VCC pin, therefore for the LDO just the mean value
matters.
Table 6. Supply voltages (continued)
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com