Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034HC Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST8034HC
Description  24-pin smartcard interfaces
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034HC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST8034HC Datasheet HTML 16Page - STMicroelectronics ST8034HC Datasheet HTML 17Page - STMicroelectronics ST8034HC Datasheet HTML 18Page - STMicroelectronics ST8034HC Datasheet HTML 19Page - STMicroelectronics ST8034HC Datasheet HTML 20Page - STMicroelectronics ST8034HC Datasheet HTML 21Page - STMicroelectronics ST8034HC Datasheet HTML 22Page - STMicroelectronics ST8034HC Datasheet HTML 23Page - STMicroelectronics ST8034HC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Functional description
ST8034HN, ST8034HC
20/31
DocID024511 Rev 2
The voltage supervisor monitors the VDDP, VDD, and VDD(INTF) voltages and provides both
power-on reset (POR) and supply dropout detection during a card session. The supervisor
threshold voltages for VDDP and VDD are set internally, and VDD(INTF) is set externally by an
external resistor divider on the PORADJ pin, which provides additional voltage monitoring
flexibility (this pin can be used for monitoring any external voltage, with adjustable
threshold):
Undervoltage (UVLO) threshold adjustment on the PORADJ input with the resistor divider:
VDD(INTF) UVLO threshold (falling) = (R1+R2)/R2 x VTH(PORADJ)
VDD(INTF) UVLO threshold (rising) = (R1+R2)/R2 x (VTH(PORADJ) + VHYST(PORADJ))
If the external resistor divider is not used, connect the PORADJ pin to VDD(INTF), then
VDD(INTF) UVLO threshold = VTH(PORADJ).
As long as VDDP, VDD or VDD(INTF) is less than the corresponding VTH + VHYS, the device
remains inactive irrespective of the command line levels. After VDDP, VDD, and VDD(INTF)
has reached a level higher than the corresponding VTH + VHYS, the device still remains
inactive for the duration of tW, a defined reset pulse of approximately 8 ms (tW = 1024 x
1/fOSC(INT)LOW) when the output of the supervisor keeps the control logic in reset state. This
is used to maintain the device in shutdown mode during the supply voltage power-on, see
Figure 7. A deactivation sequence is performed when either VDD, VDDP or VDD(INTF) falls
below the corresponding VTH.
Figure 7. Voltage supervisor waveforms
6.3
Clock circuits
The clock signal for the card (CLK output) is either provided by an external clock signal
connected to the XTAL1 pin or generated by a crystal connected between the XTAL1 and
XTAL2 pins. The ST8034 automatically detects if an external clock is connected to XTAL1,
which eliminates the need for a separate clock source selection pin. Automatic clock source
detection is performed on each activation command (falling edge of CMDVCC). The
presence of an external clock on the XTAL1 pin is checked during a time window defined by
the internal oscillator. If the external clock is detected, the crystal oscillator is stopped. If the
clock is not detected, the crystal oscillator is started. When the external clock is used, the
clock signal must be present on the XTAL1 pin before the CMDVCC falling edge. If the
external clock is used, connect it to XTAL1 input and leave the XTAL2 pin floating. The
XTAL1 pin can not be left floating, either a crystal or an external clock source needs to be
connected, or the XTAL1 pin needs to be grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com