Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034HC Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST8034HC
Description  24-pin smartcard interfaces
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034HC Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST8034HC Datasheet HTML 17Page - STMicroelectronics ST8034HC Datasheet HTML 18Page - STMicroelectronics ST8034HC Datasheet HTML 19Page - STMicroelectronics ST8034HC Datasheet HTML 20Page - STMicroelectronics ST8034HC Datasheet HTML 21Page - STMicroelectronics ST8034HC Datasheet HTML 22Page - STMicroelectronics ST8034HC Datasheet HTML 23Page - STMicroelectronics ST8034HC Datasheet HTML 24Page - STMicroelectronics ST8034HC Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
DocID024511 Rev 2
21/31
ST8034HN, ST8034HC
Functional description
Figure 8. External clock usage
The clock frequency is selected by the CLKDIV1 and CLKDIV2 pins and is fXTAL, fXTAL/2,
fXTAL/4 or fXTAL/8 in the case of the ST8034HN or either fXTAL or fXTAL/2 in the case of the
ST8034HC, selected by the CLKDIV pin, see Table 12.
The frequency change is synchronous, meaning that after transition on the CLKDIV input,
the present clock period is completed and after that the new whole clock period starts,
therefore no clock period is shortened during the frequency switchover.
If an external crystal is used, the duty cycle on the CLK pin should be between 45% and
55%. If an external clock is connected to the XTAL1 pin, its duty cycle must be between 48%
and 52% so that the CLK output duty cycle is between 45% and 55%.
6.4
Input and output circuits
When the I/O and I/OUC pins are pulled high by a 9 k
 resistor between I/O and VCC and/or
10 k
 resistor between I/OUC and VDD(INTF), both lines enter the idle state. The I/O pin is
referenced to VCC and the I/OUC pin to VDD(INTF), which allows operation at VCC level
different from VDD(INTF) level.
Table 12. Clock frequency selection
ST8034HN
CLKDIV1 pin level
CLKDIV2 pin level
CLK frequency
Low
Low
fXTAL/8
Low
High
fXTAL/4
High
High
fXTAL/2
High
Low
fXTAL
ST8034HC
CLKDIV pin level
CLK frequency
High
fXTAL/2
Low
fXTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com