Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034HC Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST8034HC
Description  24-pin smartcard interfaces
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034HC Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST8034HC Datasheet HTML 12Page - STMicroelectronics ST8034HC Datasheet HTML 13Page - STMicroelectronics ST8034HC Datasheet HTML 14Page - STMicroelectronics ST8034HC Datasheet HTML 15Page - STMicroelectronics ST8034HC Datasheet HTML 16Page - STMicroelectronics ST8034HC Datasheet HTML 17Page - STMicroelectronics ST8034HC Datasheet HTML 18Page - STMicroelectronics ST8034HC Datasheet HTML 19Page - STMicroelectronics ST8034HC Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Electrical characteristics
ST8034HN, ST8034HC
16/31
DocID024511 Rev 2
IIL
Input current low
1
A
IIH
Input current high
1
A
Control input CMDVCC(4)
VIL
Input voltage low
-0.3
0.3
VDD(INTF)
V
VIH
Input voltage high
0.7
VDD(INTF)
VDD(INTF)
+ 0.3
V
VHYS
Hysteresis
0.14
VDD(INTF)
V
IIL
Input current low
VIL = 0 V
1
A
IIH
Input current high
VIH = VDD(INTF)
1
A
fCMDVCC
Frequency at CMDVCC
pin
100
Hz
OFF output(5)
VOL
Output voltage low
IOL = 2 mA
0
0.3
V
VOH
Output voltage high
IOH = -15 A
0.75
VDD(INTF)
V
RPU
Pull-up resistance to
VDD(INTF)
16
20
24
k
1. TA = 25 °C, VDD = 3.3 V, VDDP = 5 V, VDD(INTF) = 3.3 V, fXTAL = 10 MHz, unless otherwise noted.
2. With an internal 10 k
 pull-up resistor to VDD(INTF).
3. For clock frequency division control (CLKDIV), see Table 12 on page 21.
4. CMDVCC is active low.
5. OFF is an NMOS open drain, with an internal 20 k
 pull-up resistor to VDD(INTF). The pull-up is connected only when used
(i.e. when OFF = high), otherwise disconnected.
Table 8. Microcontroller interface (continued)
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com