Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034HC Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST8034HC
Description  24-pin smartcard interfaces
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034HC Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST8034HC Datasheet HTML 9Page - STMicroelectronics ST8034HC Datasheet HTML 10Page - STMicroelectronics ST8034HC Datasheet HTML 11Page - STMicroelectronics ST8034HC Datasheet HTML 12Page - STMicroelectronics ST8034HC Datasheet HTML 13Page - STMicroelectronics ST8034HC Datasheet HTML 14Page - STMicroelectronics ST8034HC Datasheet HTML 15Page - STMicroelectronics ST8034HC Datasheet HTML 16Page - STMicroelectronics ST8034HC Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
DocID024511 Rev 2
13/31
ST8034HN, ST8034HC
Electrical characteristics
Table 7. Card interface
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max.
Unit
Data lines to the card (I/O, AUX1, AUX2 pins)(2)
tD
Delay time
Falling edge on pin I/O to falling
edge on I/OUC or vice versa
200
ns
tW(PU) Pull-up pulse width
100
400
ns
fIO
Input/output frequency
1
MHz
CI
Input capacitance
10
pF
VO
Output voltage in
shutdown mode
No load
0
0.1
V
IO = 1 mA
0
0.3
V
IO
Output current in
shutdown mode
I/O connected to GND
-1
mA
VOL
Output voltage low
IOL = 1 mA
0
0.3
V
IOL  15 mA (current limit)
VCC - 0.4
VCC
VOH
Output voltage high
No load
0.9 VCC
VCC + 0.1
V
IOH < -40 A, 5 V or 3 V
0.75 VCC
VCC + 0.1
IOH < -20 A, 1.8 V
0.75 VCC
VCC + 0.1
IOH  -15 mA (current limit)
0
0.4
VIL
Input voltage low
-0.3
0.8
V
VIH
Input voltage high
VCC = 5 V
0.6 VCC
VCC + 0.3
V
VCC = 3 V or 1.8 V
0.7 VCC
VCC + 0.3
VHYS
Hysteresis
I/O pin
50
mV
IIL
Input current low
I/O pin, VIL = 0 V
750
A
IIH
Input current high
I/O pin, VIH = VCC
10
A
tR(I)
Input rise time
VIL max. to VIH min.
0.15
s
tR(O)
Output rise time
CL  80 pF, 10% to 90%, 0 V to VCC
0.1
s
tF(I)
Input fall time
VIL max. to VIH min.
0.15
s
tF(O)
Output fall time
CL  80 pF, 10% to 90%, 0 V to VCC
0.1
s
RPU
Pull-up resistance to VCC
79
11
k
IPU
Pull-up current (one-shot
circuit active)
VOH = 0.9 VCC
-8
-6
-4
mA
Reset output to the card (RST pin)
VO
Output voltage in
shutdown mode
No load
0
0.1
V
IO = 1 mA
0
0.3
IO
Output current in
shutdown mode
RST connected to GND
-1
mA
tD
Delay time
Between RSTIN and RST; RST
enabled
2
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com