Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034P Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST8034P
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034P Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST8034P Datasheet HTML 6Page - STMicroelectronics ST8034P Datasheet HTML 7Page - STMicroelectronics ST8034P Datasheet HTML 8Page - STMicroelectronics ST8034P Datasheet HTML 9Page - STMicroelectronics ST8034P Datasheet HTML 10Page - STMicroelectronics ST8034P Datasheet HTML 11Page - STMicroelectronics ST8034P Datasheet HTML 12Page - STMicroelectronics ST8034P Datasheet HTML 13Page - STMicroelectronics ST8034P Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
DocID024587 Rev 4
11/40
ST8034T, ST8034AT, ST8034P, ST8034C
Pin description
Note:
Difference between the ST8034T and ST8034AT is the clock frequency division control, see
Table 13 on page 25.
Table 2. Pin description ST8034T and ST8034AT
Pin number
Symbol
Ref. supply
Function
1XTAL1
VDD
Crystal or external clock input
2XTAL2
VDD
Crystal connection (leave this pin open if external clock is
used)
3VDD(INTF)
Microcontroller interface supply voltage
4RSTIN
VDD(INTF)
Card reset input from microcontroller
5CMDVCC
VDD(INTF)
Start activation sequence input (from microcontroller,
active low)
6CLKDIV
VDD(INTF)
CLK frequency division control
7PRES
VDD(INTF)
Card presence input (active low: PRES low = card is
present). Debounced.
8I/O
VCC
Card input/output data line (C7); with internal 9 k
pull-up resistor to VCC.
9
GND
Ground
10
CLK
VCC
Clock to card (C3)
11
RST
VCC
Card reset, output (C2)
12
VCC
Supply voltage for the card, output (C1)
13
VDDP
LDO supply voltage input (for VCC generation)
14
VDD
Logic supply voltage input
15
OFF
VDD(INTF)
Interrupt to microcontroller (active low output, with
internal 20 k
 pull-up resistor to VDD(INTF))
16
I/OUC
VDD(INTF)
Microcontroller data I/O line (with internal 10 k
 pull-up
resistor connected to VDD(INTF))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com