Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034P Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST8034P
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034P Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST8034P Datasheet HTML 9Page - STMicroelectronics ST8034P Datasheet HTML 10Page - STMicroelectronics ST8034P Datasheet HTML 11Page - STMicroelectronics ST8034P Datasheet HTML 12Page - STMicroelectronics ST8034P Datasheet HTML 13Page - STMicroelectronics ST8034P Datasheet HTML 14Page - STMicroelectronics ST8034P Datasheet HTML 15Page - STMicroelectronics ST8034P Datasheet HTML 16Page - STMicroelectronics ST8034P Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Electrical characteristics
ST8034T, ST8034AT, ST8034P, ST8034C
14/40
DocID024587 Rev 4
5
Electrical characteristics
Electrical characteristics over recommended operating conditions
Table 7. Supply voltages
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max.
Unit
Device supply voltages
VDD
Supply voltage, logic
2.7
3.3
5.5(2)
V
VDDP
Supply voltage, power
VCC = 5 V
4.85
5
5.5
V
VCC = 3 V or 1.8 V
3
3.3
5.5
VDD(INTF)
Supply voltage,
microcontroller interface
1.6
3.3
VDD
+0.3(3)
V
IDD
Supply current, logic
Shutdown mode
35
A
Active mode
2
mA
IDDP
Supply current, power
Shutdown mode, fXTAL stopped
5
A
Active mode, fCLK = fXTAL/2, no ICC load
1.5
mA
Active mode, fCLK = fXTAL/2,
ICC = 65 mA
70
IDD(INTF) Supply current, interface
Shutdown mode
6
A
Shutdown mode, ST8034P only
45
A
Card supply voltage
VCC
Card supply voltage
(output)(4)
Active mode, VCC = 5 V, ICC < 65 mA
4.75
5.0
5.25
V
With current pulses of 40 nAs at
ICC < 200 mA, t < 400 ns(4)
4.65
5.0
5.25
Active mode, VCC = 3 V, ICC < 65 mA
2.85
3.05
3.15
With current pulses of 40 nAs at
ICC < 200 mA, t < 400 ns(4)
2.76
3.20
Active mode, VCC = 1.8 V, ICC < 65 mA
1.71
1.83
1.89
With current pulses of 15 nAs at
ICC < 200 mA, t < 400 ns(4)
1.66
1.94
ICC
Card supply current (refer
also to Table 11: Protection
characteristics on page 21)
VCC = 5 V, 3 V or 1.8 V
65
mA
VCC shorted to GND
90
120
150
CVCC
VCC decoupling capacitor(5) VCC to GND
160
320
530
nF
SR
VCC slew rate (rising and
falling)(5)
VCC = 5 V
0.055 0.180
0.300
V/
s
VCC = 3 V
0.040 0.180
0.300
VCC = 1.8 V
0.025 0.180
0.300
VCC(SHDN)
VCC output voltage in
shutdown mode
No load
-0.1
0.1
V
ICC = 1 mA
-0.1
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com